データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BF991 データシート(PDF) 3 Page - NXP Semiconductors

部品番号 BF991
部品情報  N-channel dual-gate MOS-FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

BF991 データシート(HTML) 3 Page - NXP Semiconductors

  BF991 Datasheet HTML 1Page - NXP Semiconductors BF991 Datasheet HTML 2Page - NXP Semiconductors BF991 Datasheet HTML 3Page - NXP Semiconductors BF991 Datasheet HTML 4Page - NXP Semiconductors BF991 Datasheet HTML 5Page - NXP Semiconductors BF991 Datasheet HTML 6Page - NXP Semiconductors BF991 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NXP Semiconductors
Product specification
N-channel dual-gate MOS-FET
BF991
LIMITING VALUES
In according with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDS
drain-source voltage
20
V
ID
drain current (DC)
20
mA
ID(AV)
average drain current
20
mA
IG1-S
gate 1-source current
−±10
mA
IG2-S
gate 2-source current
−±10
mA
Ptot
total power dissipation
up to Tamb =60 °C; note 1
200
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C
Fig.2 Power derating curve.
handbook, halfpage
0
200
0
100
200
MGE792
100
Tamb (°C)
Ptot
(mW)
THERMAL CHARACTERISTICS
Note to the Limiting values and the Thermal characteristics
1. Device mounted on a ceramic substrate of 8
× 10 × 0.7 mm.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
in free air; note 1
460
K/W
Rev. 03 - 20 November 2007
3 of 7


同様の部品番号 - BF991

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BF991 PHILIPS-BF991 Datasheet
42Kb / 5P
   N-channel dual-gate MOS-FET
April 1991
BF991 NXP-BF991 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Quanzhou Jinmei Electro...
BF991 JMNIC-BF991_15 Datasheet
232Kb / 7P
   N-channel dual-gate MOS-FET
BF991_2015 JMNIC-BF991_2015 Datasheet
232Kb / 7P
   N-channel dual-gate MOS-FET
More results

同様の説明 - BF991

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BF996S PHILIPS-BF996S Datasheet
35Kb / 5P
   N-channel dual-gate MOS-FET
April 1991
logo
Quanzhou Jinmei Electro...
BF994S_2015 JMNIC-BF994S_2015 Datasheet
37Kb / 5P
   N-channel dual-gate MOS-FET
BF998WR_2015 JMNIC-BF998WR_2015 Datasheet
82Kb / 12P
   N-channel dual-gate MOS-FET
BF908WR JMNIC-BF908WR_15 Datasheet
75Kb / 7P
   N-channel dual-gate MOS-FET
logo
NXP Semiconductors
BF998WR PHILIPS-BF998WR Datasheet
94Kb / 12P
   N-channel dual-gate MOS-FET
1997 Sep 05
logo
Quanzhou Jinmei Electro...
BF904WR_2015 JMNIC-BF904WR_2015 Datasheet
91Kb / 12P
   N-channel dual-gate MOS-FET
BF908WR_2015 JMNIC-BF908WR_2015 Datasheet
75Kb / 7P
   N-channel dual-gate MOS-FET
BF996S JMNIC-BF996S_15 Datasheet
37Kb / 5P
   N-channel dual-gate MOS-FET
logo
NXP Semiconductors
BF994S PHILIPS-BF994S Datasheet
41Kb / 5P
   N-channel dual-gate MOS-FET
July 1993
BF997 PHILIPS-BF997 Datasheet
31Kb / 5P
   N-channel dual-gate MOS-FET
April 1991
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com