データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM79108 データシート(PDF) 8 Page - SyncMOS Technologies,Inc

部品番号 SM79108
部品情報  8 - Bit Micro-controller with 8KB flash & 256 Bytes RAM embedded
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SYNCMOS [SyncMOS Technologies,Inc]
ホームページ  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM79108 データシート(HTML) 8 Page - SyncMOS Technologies,Inc

Back Button SM79108_06 Datasheet HTML 4Page - SyncMOS Technologies,Inc SM79108_06 Datasheet HTML 5Page - SyncMOS Technologies,Inc SM79108_06 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM79108_06 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM79108_06 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM79108_06 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM79108_06 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM79108_06 Datasheet HTML 11Page - SyncMOS Technologies,Inc SM79108_06 Datasheet HTML 12Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Specifications subject to change without notice,contact your sales representatives for the most recent information.
8/26
Ver 2.1
SM79108 08/2006
SyncMOS Technologies International. Inc.
SM79108
3. Port 4 for PLCC or QFP package:
The bit addressable port 4 is available with PLCC or QFP package. The port 4 has only 4 pins and its port address is
located at 0D8H. The function of port 4 is the same as the function of port 1, port 2 and port 3.
Port4 (P4, 0D8H)
The bit 3, bit 2, bit 1, bit 0 output the setting to pin P4.3, P4.2, P4.1, P4.0 respectively.
4. SPWM Function Description:
The 8-bit SPWM channel is composed of an 8-bit register which contains a 5-bit SPWM in MSB portion and a 3-bit binary
rate multiplier (BRM) in LSB portion. The value programmed in the 5-bit SPWM portion will determine the pulse length of
the output. The 3-bit BRM portion will generate and insert certain narrow pulses among an 8-SPWM-cycle frame. The
number of pulses generated is equal to the number programmed in the 3-bit BRM portion. The usage of the BRM is to
generate equivalent 8-bit resolution SPWM type DAC with reasonably high repetition rate through 5-bit SPWM clock
speed. The SPFS[1:0] settings of SPWMC (0A3H) register are divided of Fosc to be SPWM clock, Fosc/
2^(SPFS[1:0]+1). The SPWM output cycle frame repetition rate (frequency) equals (SPWM clock)/32 which is [Fosc/
2^(SPFS[1:0]+1)]/32.
4.1 SPWM Registers - P1CON, SPWMC0, SPWMD0
SPWM Registers - Port1 Configuration Register (P1CON, 9BH)
SPWME0 : When the bit set to one, the corresponding SPWM pin is active as SPWM function. When the bit reset
to zero, the corresponding SPWM pin is active as I/O pin. Four bits are cleared upon reset.
PWME0 : When the bit set to one, the corresponding PWM pin is active as PWM function. When the bit reset
to zero, the corresponding PWM pin is active as I/O pin. Four bits are cleared upon reset.
SPWM Registers - SPWM Control Register (SPWMC, 0A3H)
bit-7
bit-0
Unused
Unused
Unused
Unused
P4.3
P4.2
P4.1
P4.0
Read / Write:
----
R/W
R/W
R/W
R/W
Reset value:
****
1111
bit-7
bit-0
Unused
Unused
PWME0
Unused
Unused
SPWME0
Unused
Unused
Read / Write:
-
-
R/W
-
-
R/W
-
-
Reset value:
*
*
0
*
*
0
*
*
bit-7
bit-0
Unused
Unused
Unused
Unused
Unused
Unused
SPFS1
SPFS0
Read / Write:
------
R/W
R/W
Reset value:
******
0
0


同様の部品番号 - SM79108_06

メーカー部品番号データシート部品情報
logo
SyncMOS Technologies,In...
SM79108C40 SYNCMOS-SM79108C40 Datasheet
590Kb / 26P
   8-Bit Micro-controller with 8KB flash & 256 Bytes RAM embedded
SM79108L25 SYNCMOS-SM79108L25 Datasheet
590Kb / 26P
   8-Bit Micro-controller with 8KB flash & 256 Bytes RAM embedded
More results

同様の説明 - SM79108_06

メーカー部品番号データシート部品情報
logo
SyncMOS Technologies,In...
SM79108 SYNCMOS-SM79108 Datasheet
590Kb / 26P
   8-Bit Micro-controller with 8KB flash & 256 Bytes RAM embedded
logo
Aplus Intergrated Circu...
APU8951 APLUS-APU8951 Datasheet
544Kb / 15P
   8-BIT MICRO CONTROLLER WITH 4/8KB FLASH EMBEDDED
logo
SyncMOS Technologies,In...
SM8951A SYNCMOS-SM8951A Datasheet
393Kb / 17P
   8 - Bit Micro-controller with 4/8KB flash embedded
SM8951A SYNCMOS-SM8951A_06 Datasheet
813Kb / 16P
   8-Bits Micro-controller With 4/8KB flash embedded
SM8051 SYNCMOS-SM8051 Datasheet
423Kb / 16P
   8 - Bit Micro-controller with 4/8KB ROM embedded
SM8958A SYNCMOS-SM8958A Datasheet
509Kb / 25P
   8 - Bit Micro-controller with 32KB flash & 1KB RAM embedded
SM89516L SYNCMOS-SM89516L Datasheet
436Kb / 19P
   8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM79164 SYNCMOS-SM79164 Datasheet
453Kb / 25P
   8 - Bit Micro-controller with 64KB flash & 4KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM59264 SYNCMOS-SM59264 Datasheet
579Kb / 32P
   8 - Bit Micro-controller with 128KB flash & 1KB RAM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com