データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM89516AL25 データシート(PDF) 10 Page - SyncMOS Technologies,Inc

部品番号 SM89516AL25
部品情報  8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SYNCMOS [SyncMOS Technologies,Inc]
ホームページ  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM89516AL25 データシート(HTML) 10 Page - SyncMOS Technologies,Inc

Back Button SM89516AL25 Datasheet HTML 6Page - SyncMOS Technologies,Inc SM89516AL25 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM89516AL25 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM89516AL25 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM89516AL25 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM89516AL25 Datasheet HTML 11Page - SyncMOS Technologies,Inc SM89516AL25 Datasheet HTML 12Page - SyncMOS Technologies,Inc SM89516AL25 Datasheet HTML 13Page - SyncMOS Technologies,Inc SM89516AL25 Datasheet HTML 14Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
SyncMOS Technologies International, Inc.
SM89516A
8-Bits Micro-controller
With 64KB flash & 1KB RAM embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
Ver 2.1 SM89516A 08/2006
10
Watch Dog Key Register - (WDTKEY, $97H)
bit-7
bit-0
WDT
KEY7
WDT
KEY6
WDT
KEY5
WDT
KEY4
WDT
KEY3
WDT
KEY2
WDT
KEY1
WDT
KEY0
Read / Write:
W
W
W
W
W
W
W
W
Reset value:
0
0
0
0
0
0
0
0
By default, the WDTC is read only. User need to write values 1EH, E1H sequentially to the WDTKEY($97H) register to
enable the WDTC write attribute, That is
MOV WDTKEY, # 1EH
MOV WDTKEY, # E1H
When WDTC is set, user need to write another values E1H, 1EH sequentially to the WDTKEY($97H) register to
disable the WDTC write attribute, That is
MOV WDTKEY, # E1H
MOV WDTKEY, # 1EH
Watch Dog Timer Register - System Control Register (SCONF, $BF)
bit-7
bit-0
WDR
Unused
Unused
Unused
Unused
Unused
OME
ALEI
Read / Write:
R/W
-
-
-
-
-
R/W
R/W
Reset value:
0
*
*
*
*
*
0
0
The bit 7 (WDR) of SCONF is Watch Dog Timer Reset bit. It will be set to 1 when reset signal generated by WDT
overflow. User should check WDR bit whenever un-predicted reset happened
4. Reduce EMI Function
The SM89516A allows user to reduce the EMI emission by setting 1 to the bit 0 (ALEI) of SCONF register. This
function will inhibit the clock signal in Fosc/6Hz output to the ALE pin.
5. Specific Pulse Width Modulation (SPWM)
The Specific Pulse Width Modulation (SPWM) module contain 1 kind of PWM sub module: SPWM (Specific PWM).
SPWM has five 8-bit channels.
5.1 SPWM Function Description:
The 8-bit SPWM channel is composed of an 8-bit register which contains a 5-bit SPWM in MSB portion and a 3-bit
binary rate multiplier (BRM) in LSB portion. The value programmed in the 5-bit SPWM portion will determine the pulse
length of the output. The 3-bit BRM portion will generate and insert certain narrow pulses among an 8-SPWM-cycle
frame. The number of pulses generated is equal to the number programmed in the 3-bit BRM portion. The usage of the
BRM is to generate equivalent 8-bit resolution SPWM type DAC with reasonably high repetition rate through 5-bit
SPWM clock speed. The SPFS[1:0] settings of SPWMC ($A3) register are dividend of Fosc to be SPWM clock,
Fosc/2^(SPFS[1:0]+1). The SPWM output cycle frame repetition rate (frequency) equals (SPWM clock)/32 which is
[Fosc/2^(SPFS[1:0]+1)]/32.


同様の部品番号 - SM89516AL25

メーカー部品番号データシート部品情報
logo
SyncMOS Technologies,In...
SM89516AL25 SYNCMOS-SM89516AL25 Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
More results

同様の説明 - SM89516AL25

メーカー部品番号データシート部品情報
logo
SyncMOS Technologies,In...
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM5964 SYNCMOS-SM5964_06 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
SM89516L SYNCMOS-SM89516L Datasheet
436Kb / 19P
   8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM89516A SYNCMOS-SM89516A Datasheet
535Kb / 25P
   8 - Bit Micro-controller with 64KB flash 1KB RAM embedded
SM8954A SYNCMOS-SM8954A Datasheet
875Kb / 23P
   8-Bits Micro-controller With 16KB flash & 1KB RAM embedded
SM8958A SYNCMOS-SM8958A_06 Datasheet
887Kb / 23P
   8-Bits Micro-controller With 32KB flash & 1KB RAM embedded
SM89S16R1 SYNCMOS-SM89S16R1_06 Datasheet
695Kb / 29P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & RTC & ADC & PWM & PDWU embedded
SM89T16R1 SYNCMOS-SM89T16R1_06 Datasheet
845Kb / 35P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & Two UART & RTC & ADC & PWM embedded
SM59264 SYNCMOS-SM59264_06 Datasheet
958Kb / 36P
   8-Bits Micro-controller with 128KB flash & 1KB RAM & TWSI & SPWM embedded
SM5964A SYNCMOS-SM5964A Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com