データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AHC157D データシート(PDF) 2 Page - NXP Semiconductors

部品番号 74AHC157D
部品情報  Quad 2-input multiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC157D データシート(HTML) 2 Page - NXP Semiconductors

  74AHC157D Datasheet HTML 1Page - NXP Semiconductors 74AHC157D Datasheet HTML 2Page - NXP Semiconductors 74AHC157D Datasheet HTML 3Page - NXP Semiconductors 74AHC157D Datasheet HTML 4Page - NXP Semiconductors 74AHC157D Datasheet HTML 5Page - NXP Semiconductors 74AHC157D Datasheet HTML 6Page - NXP Semiconductors 74AHC157D Datasheet HTML 7Page - NXP Semiconductors 74AHC157D Datasheet HTML 8Page - NXP Semiconductors 74AHC157D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
74AHC_AHCT157_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 9 November 2007
2 of 16
NXP Semiconductors
74AHC157; 74AHCT157
Quad 2-input multiplexer
s Multiple package options
s Specified from
−40 °C to +85 °C and from −40 °C to +125 °C
3.
Ordering information
4.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74AHC157D
−40 °C to +125 °C
SO16
plastic small outline package; 16 leads;
body width 3.9 mm
SOT109-1
74AHCT157D
74AHC157PW
−40 °C to +125 °C
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm
SOT403-1
74AHCT157PW
74AHC157BQ
−40 °C to +125 °C
DHVQFN16
plastic dual in-line compatible thermal enhanced
very thin quad flat package; no leads; 16 terminals;
body 2.5
× 3.5 × 0.85 mm
SOT763-1
74AHCT157BQ
Fig 1.
Logic diagram
Fig 2.
logic symbol
1Y
1I1
1I0
2Y
2I1
2I0
3Y
3I1
3I0
mna484
4Y
4I1
4I0
S
E
mna481
S
1
15
12
9
7
4
13
14
10
11
6
5
3
2
E
1Y
1I1
1I0
2Y
2I1
2I0
3Y
3I1
3I0
4Y
4I1
4I0


同様の部品番号 - 74AHC157D

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AHC157D PHILIPS-74AHC157D Datasheet
84Kb / 16P
   Quad 2-input multiplexer
1999 Sep 24
logo
Nexperia B.V. All right...
74AHC157D NEXPERIA-74AHC157D Datasheet
264Kb / 15P
   Quad 2-input multiplexer
Rev. 3 - 10 September 2020
74AHC157D-Q100 NEXPERIA-74AHC157D-Q100 Datasheet
719Kb / 17P
   Automotive product qualification in accordance with AEC-Q100
74AHC157D-Q100 NEXPERIA-74AHC157D-Q100 Datasheet
264Kb / 15P
   Quad 2-input multiplexer
Rev. 2 - 10 September 2020
More results

同様の説明 - 74AHC157D

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157 Datasheet
70Kb / 7P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F158A NSC-54F158A Datasheet
147Kb / 8P
   Quad 2-Input Multiplexer
logo
Hitachi Semiconductor
HD74AC158 HITACHI-HD74AC158 Datasheet
55Kb / 9P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74F157A FAIRCHILD-74F157A Datasheet
74Kb / 6P
   Quad 2-Input Multiplexer
logo
ON Semiconductor
MC74AC157 ONSEMI-MC74AC157 Datasheet
106Kb / 10P
   Quad 2-Input Multiplexer
January, 2005 ??Rev. 6
logo
NXP Semiconductors
74LV157 PHILIPS-74LV157 Datasheet
117Kb / 12P
   Quad 2-input multiplexer
1998 Apr 30
logo
Hitachi Semiconductor
HD74AC157 HITACHI-HD74AC157 Datasheet
53Kb / 9P
   Quad 2-Input Multiplexer
logo
National Semiconductor ...
54F157ADM NSC-54F157ADM Datasheet
156Kb / 8P
   Quad 2-Input Multiplexer
logo
Fairchild Semiconductor
74VHC157 FAIRCHILD-74VHC157_07 Datasheet
253Kb / 10P
   Quad 2-Input Multiplexer
logo
NXP Semiconductors
74HC_HCT157 PHILIPS-74HC_HCT157_15 Datasheet
209Kb / 19P
   Quad 2-input multiplexer
Rev. 7-21 January 2015
logo
Texas Instruments
54AC157 TI1-54AC157 Datasheet
140Kb / 10P
[Old version datasheet]   Quad 2-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com