データシートサーチシステム |
|
74AHC157D データシート(PDF) 5 Page - NXP Semiconductors |
|
74AHC157D データシート(HTML) 5 Page - NXP Semiconductors |
5 / 16 page 74AHC_AHCT157_2 © NXP B.V. 2007. All rights reserved. Product data sheet Rev. 02 — 9 November 2007 5 of 16 NXP Semiconductors 74AHC157; 74AHCT157 Quad 2-input multiplexer 7. Limiting values [1] The input and output voltage ratings may be exceeded if the input and output current ratings are observed. [2] Ptot derates linearly with 8 mW/K above 70 °C. [3] Ptot derates linearly with 5.5 mW/K above 60 °C. [4] Ptot derates linearly with 4.5 mW/K above 60 °C. 8. Recommended operating conditions Table 4. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions Min Max Unit VCC supply voltage −0.5 +7.0 V VI input voltage −0.5 +7.0 V IIK input clamping current VI < −0.5 V [1] −20 - mA IOK output clamping current VO < −0.5 V or VO >VCC + 0.5 V [1] - ±20 mA IO output current VO = −0.5 V to (VCC + 0.5 V) - ±25 mA ICC supply current - 75 mA IGND ground current −75 - mA Tstg storage temperature −65 +150 °C Ptot total power dissipation Tamb = −40 °C to +125 °C SO16 package [2] - 500 mW TSSOP16 package [3] - 500 mW DHVQFN16 package [4] - 500 mW Table 5. Recommended operating conditions Voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions 74AHC157 74AHCT157 Unit Min Typ Max Min Typ Max VCC supply voltage 2.0 5.0 5.5 4.5 5.0 5.5 V VI input voltage 0 - 5.5 0 - 5.5 V VO output voltage 0 - VCC 0- VCC V Tamb ambient temperature −40 +25 +125 −40 +25 +125 °C ∆t/∆V input transition rise and fall rate VCC = 3.3 V ± 0.3 V - - 100 - - - ns/V VCC = 5.0 V ± 0.5 V - - 20 - - 20 ns/V |
同様の部品番号 - 74AHC157D |
|
同様の説明 - 74AHC157D |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |