データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74ALVC573PW データシート(PDF) 4 Page - NXP Semiconductors

部品番号 74ALVC573PW
部品情報  Octal D-type transparent latch; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ALVC573PW データシート(HTML) 4 Page - NXP Semiconductors

  74ALVC573PW Datasheet HTML 1Page - NXP Semiconductors 74ALVC573PW Datasheet HTML 2Page - NXP Semiconductors 74ALVC573PW Datasheet HTML 3Page - NXP Semiconductors 74ALVC573PW Datasheet HTML 4Page - NXP Semiconductors 74ALVC573PW Datasheet HTML 5Page - NXP Semiconductors 74ALVC573PW Datasheet HTML 6Page - NXP Semiconductors 74ALVC573PW Datasheet HTML 7Page - NXP Semiconductors 74ALVC573PW Datasheet HTML 8Page - NXP Semiconductors 74ALVC573PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
74ALVC573_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 26 October 2007
4 of 17
NXP Semiconductors
74ALVC573
Octal D-type transparent latch; 3-state
5.
Pinning information
5.1 Pinning
5.2 Pin description
(1) The die substrate is attached to this pad using
conductive die attach material. It can not be used as
a supply pin or input.
Fig 6.
Pin configuration SO20 and TSSOP20
Fig 7.
Pin configuration DHVQFN20
573
OE
VCC
D0
Q0
D1
Q1
D2
Q2
D3
Q3
D4
Q4
D5
Q5
D6
Q6
D7
Q7
GND
LE
001aad099
1
2
3
4
5
6
7
8
9
10
12
11
14
13
16
15
18
17
20
19
001aad100
573
Transparent top view
Q7
D6
D7
Q6
D5
Q5
D4
Q4
D3
Q3
D2
Q2
D1
Q1
D0
Q0
9
12
8
13
7
14
6
15
GND(1)
5
16
4
17
3
18
2
19
terminal 1
index area
Table 2.
Pin description
Symbol
Pin
Description
D[0:7]
2, 3, 4, 5, 6, 7, 8, 9
data input
LE
11
latch enable input (active HIGH)
OE
1
output enable input (active LOW)
Q[0:7]
19, 18, 17, 16, 15, 14, 13, 12
3-state latch output
VCC
20
supply voltage
GND
10
ground (0 V)


同様の部品番号 - 74ALVC573PW

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ALVC573PW PHILIPS-74ALVC573PW Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
logo
Nexperia B.V. All right...
74ALVC573PW NEXPERIA-74ALVC573PW Datasheet
268Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 4 - 30 April 2021
More results

同様の説明 - 74ALVC573PW

メーカー部品番号データシート部品情報
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
   Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
   Octal D-type transparent latch; 3-state
KK74LV374 KODENSHI-KK74LV374 Datasheet
328Kb / 6P
   Octal D-type transparent latch; 3-state
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
IK Semicon Co., Ltd
IN74LV573 IKSEMICON-IN74LV573 Datasheet
334Kb / 8P
   Octal D-type transparent latch (3-State)
logo
Nexperia B.V. All right...
74HC573-Q100 NEXPERIA-74HC573-Q100 Datasheet
274Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 6 - 10 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com