データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BTA201W データシート(PDF) 8 Page - NXP Semiconductors

部品番号 BTA201W
部品情報  1 A Three-quadrant triacs high commutation
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA201W データシート(HTML) 8 Page - NXP Semiconductors

Back Button BTA201W Datasheet HTML 4Page - NXP Semiconductors BTA201W Datasheet HTML 5Page - NXP Semiconductors BTA201W Datasheet HTML 6Page - NXP Semiconductors BTA201W Datasheet HTML 7Page - NXP Semiconductors BTA201W Datasheet HTML 8Page - NXP Semiconductors BTA201W Datasheet HTML 9Page - NXP Semiconductors BTA201W Datasheet HTML 10Page - NXP Semiconductors BTA201W Datasheet HTML 11Page - NXP Semiconductors BTA201W Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
BTA201W_SER_E_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 17 September 2007
8 of 13
NXP Semiconductors
BTA201W series E
1 A Three-quadrant triacs high commutation
Vo = 1.02 V; Rs = 358 mΩ
(1) Tj = 125 °C; typical values
(2) Tj = 125 °C; maximum values
(3) Tj =25 °C; maximum values
Fig 9.
On-state current as a function of on-state
voltage
Fig 10. Normalized latching current as a function of
junction temperature
Gate open circuit
Fig 11. Normalized holding current as a function of
junction temperature
Fig 12. Critical rate of rise of off-state voltage as a
function of junction temperature; minimum
values
VT (V)
0
0.4
0.8
1.2
1.6
2
0
0.4
0.8
1.2
1.6
2
(A)
IT
(1)
(2)
(3)
003aaa960
Tj (°C)
−50
150
100
050
001aab100
1
2
3
0
IL
IL(25°C)
Tj (°C)
−50
150
100
050
001aab099
1
2
3
0
IH
IH(25°C)
001aag740
103
102
104
dVD/dt
(V/
µs)
10
Tj (°C)
0
150
50
100


同様の部品番号 - BTA201W

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BTA201W NXP-BTA201W Datasheet
88Kb / 13P
   1 A Three-quadrant triacs high commutation
Rev. 03-13 March 2008
BTA201W-600E NXP-BTA201W-600E Datasheet
88Kb / 13P
   1 A Three-quadrant triacs high commutation
Rev. 03-13 March 2008
logo
WeEn Semiconductors
BTA201W-600E WEEN-BTA201W-600E Datasheet
225Kb / 16P
   3Q Hi-Com Triac
logo
NXP Semiconductors
BTA201W-800E NXP-BTA201W-800E Datasheet
88Kb / 13P
   1 A Three-quadrant triacs high commutation
Rev. 03-13 March 2008
logo
WeEn Semiconductors
BTA201W-800E WEEN-BTA201W-800E Datasheet
225Kb / 16P
   3Q Hi-Com triac
More results

同様の説明 - BTA201W

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BTA201 NXP-BTA201 Datasheet
76Kb / 12P
   1 A Three-quadrant triacs high commutation
Rev. 03-10 September 2007
BTA201 NXP-BTA201_08 Datasheet
76Kb / 12P
   1 A Three-quadrant triacs high commutation
Rev. 04-4 February 2008
BTA201W NXP-BTA201W_08 Datasheet
88Kb / 13P
   1 A Three-quadrant triacs high commutation
Rev. 03-13 March 2008
BTA212B PHILIPS-BTA212B Datasheet
49Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA216X PHILIPS-BTA216X Datasheet
49Kb / 5P
   Three quadrant triacs high commutation
October 1999 Rev 1.000
BTA212XB PHILIPS-BTA212XB Datasheet
54Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
logo
WeEn Semiconductors
BTA212B WEEN-BTA212B Datasheet
923Kb / 8P
   Three quadrant triacs high commutation
logo
NXP Semiconductors
BTA312 NXP-BTA312_1 Datasheet
89Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA312X-600D NXP-BTA312X-600D Datasheet
94Kb / 12P
   12 A Three-quadrant triacs high commutation
Rev. 01-16 April 2007
BTA316-600D NXP-BTA316-600D Datasheet
92Kb / 12P
   16 A Three-quadrant triacs high commutation
Rev. 01-18 April 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com