データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISD1760PY データシート(PDF) 13 Page - Winbond

部品番号 ISD1760PY
部品情報  Multi-Message Single-Chip Voice Record & Playback Devices
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WINBOND [Winbond]
ホームページ  http://www.winbond.com
Logo WINBOND - Winbond

ISD1760PY データシート(HTML) 13 Page - Winbond

Back Button ISD1760PY Datasheet HTML 9Page - Winbond ISD1760PY Datasheet HTML 10Page - Winbond ISD1760PY Datasheet HTML 11Page - Winbond ISD1760PY Datasheet HTML 12Page - Winbond ISD1760PY Datasheet HTML 13Page - Winbond ISD1760PY Datasheet HTML 14Page - Winbond ISD1760PY Datasheet HTML 15Page - Winbond ISD1760PY Datasheet HTML 16Page - Winbond ISD1760PY Datasheet HTML 17Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ISD1700 SERIES
Publication Release Date: January 23, 2007
- 13 -
Revision 1.3-S2
8
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS (DIE)
[1]
CONDITIONS
VALUES
Junction temperature
150
0C
Storage temperature range
-65
0C to +1500C
Voltage Applied to any pads
(VSS - 0.3V) to (VCC + 0.3V)
Power supply voltage to ground potential
-0.3V to +7.0V
ABSOLUTE MAXIMUM RATINGS (PACKAGED PARTS)
[1]
CONDITIONS
VALUES
Junction temperature
150
0C
Storage temperature range
-65
0C to +1500C
Voltage Applied to any pins
(VSS - 0.3V) to (VCC + 0.3V)
Voltage applied to any pin (Input current limited to +/-20 mA)
(VSS – 1.0V) to (VCC + 1.0V)
Power supply voltage to ground potential
-0.3V to +7.0V
[1]
Stresses above those listed may cause permanent damage to the device. Exposure to the absolute
maximum ratings may affect device reliability. Functional operation is not implied at these conditions.
8.1
OPERATING CONDITIONS
OPERATING CONDITIONS (DIE)
CONDITIONS
VALUES
Operating temperature range
0°C to +50°C
Supply voltage (VCC)
[1]
+2.4 V to +5.5 V
Ground voltage (VSS)
[2]
0 V
Input voltage (VCC)
[1]
0 V to 5.5 V
Voltage applied to any pins
(VSS –0.3 V) to (VCC +0.3 V)
OPERATING CONDITIONS (PACKAGED PARTS)
CONDITIONS
VALUES
Operating temperature range (Case temperature)
-40°C to +85°C
Supply voltage (VDD)
[1]
+2.4V to +5.5V
Ground voltage (VSS)
[2]
0V
Input voltage (VDD)
[1]
0V to 5.5V
Voltage applied to any pins
(VSS –0.3V) to (VDD +0.3V)
[1] V
CC = VCCA = VCCD= VCCP
[2] V
SS = VSSA = VSSD = VSSP1 VSSP2


同様の部品番号 - ISD1760PY

メーカー部品番号データシート部品情報
logo
Winbond
ISD1760A WINBOND-ISD1760A Datasheet
360Kb / 31P
   Multi-Message Single-Chip Voice Record&Playback Devices
More results

同様の説明 - ISD1760PY

メーカー部品番号データシート部品情報
logo
Nuvoton Technology Corp...
ISD1700 NUVOTON-ISD1700 Datasheet
990Kb / 23P
   Multi-Message Single-Chip Voice Record & Playback Devices
logo
Winbond
ISD1700A WINBOND-ISD1700A Datasheet
360Kb / 31P
   Multi-Message Single-Chip Voice Record&Playback Devices
logo
Nuvoton Technology Corp...
ISD14B00 NUVOTON-ISD14B00 Datasheet
993Kb / 27P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
ISD18B00 NUVOTON-ISD18B00 Datasheet
610Kb / 20P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
logo
Generalplus Technology ...
GPCR20A GENERALPLUS-GPCR20A Datasheet
266Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
logo
List of Unclassifed Man...
ISD1100 ETC-ISD1100 Datasheet
265Kb / 24P
   SINGLE CHIP VOICE RECORD / PLAYBACK DEVICES
logo
Generalplus Technology ...
GPCR03B GENERALPLUS-GPCR03B Datasheet
162Kb / 7P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
GPCR06B GENERALPLUS-GPCR06B Datasheet
180Kb / 12P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES
logo
Nuvoton Technology Corp...
ISD1900 NUVOTON-ISD1900 Datasheet
954Kb / 29P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
logo
List of Unclassifed Man...
ISD1964SYI ETC2-ISD1964SYI Datasheet
499Kb / 29P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com