データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVC1G3157GM データシート(PDF) 11 Page - NXP Semiconductors

部品番号 74LVC1G3157GM
部品情報  2-channel analog multiplexer/demultiplexer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC1G3157GM データシート(HTML) 11 Page - NXP Semiconductors

Back Button 74LVC1G3157GM Datasheet HTML 7Page - NXP Semiconductors 74LVC1G3157GM Datasheet HTML 8Page - NXP Semiconductors 74LVC1G3157GM Datasheet HTML 9Page - NXP Semiconductors 74LVC1G3157GM Datasheet HTML 10Page - NXP Semiconductors 74LVC1G3157GM Datasheet HTML 11Page - NXP Semiconductors 74LVC1G3157GM Datasheet HTML 12Page - NXP Semiconductors 74LVC1G3157GM Datasheet HTML 13Page - NXP Semiconductors 74LVC1G3157GM Datasheet HTML 14Page - NXP Semiconductors 74LVC1G3157GM Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
74LVC1G3157_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 18 September 2007
11 of 22
NXP Semiconductors
74LVC1G3157
2-channel analog multiplexer/demultiplexer
11.1 Waveforms and test circuits
Measurement points are given in Table 10.
Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
Fig 15. Input (Yn or Z) to output (Z or Yn) propagation delays
tPLH
tPHL
VM
VM
VM
VM
GND
VI
VOH
VOL
Yn or Z
input
Z or Yn
output
001aac361
Measurement points are given in Table 10.
Logic levels: VOL and VOH are typical output voltage levels that occur with the output load.
Fig 16. Enable and disable times
tPLZ
tPHZ
switch
disabled
switch
enabled
switch
enabled
output
LOW to OFF
OFF to LOW
output
HIGH to OFF
OFF to HIGH
S input
Yn
Yn
VI
VOL
VOH
VCC
VM
VM
VX
VY
VM
GND
GND
tPZL
tPZH
001aac362
Table 10.
Measurement points
Supply voltage
Input
Output
VCC
VM
VM
VX
VY
1.65 V to 5.5 V
0.5VCC
0.5VCC
VOL + 0.3 V
VOH − 0.3 V


同様の部品番号 - 74LVC1G3157GM

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVC1G3157GM PHILIPS-74LVC1G3157GM Datasheet
133Kb / 22P
   2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Rev. 01-7 February 2005
74LVC1G3157GM PHILIPS-74LVC1G3157GM Datasheet
260Kb / 26P
   2-channel analog multiplexer/demultiplexer
Rev. 5-6 December 2012
logo
Nexperia B.V. All right...
74LVC1G3157GM NEXPERIA-74LVC1G3157GM Datasheet
333Kb / 22P
   10 Ohm single-pole double-throw analog switch
Rev. 10 - 13 April 2023
74LVC1G3157GM-Q100 NEXPERIA-74LVC1G3157GM-Q100 Datasheet
280Kb / 18P
   2-channel analog multiplexer/demultiplexer
More results

同様の説明 - 74LVC1G3157GM

メーカー部品番号データシート部品情報
logo
Hitachi Semiconductor
HD74ALVC2G53 HITACHI-HD74ALVC2G53 Datasheet
115Kb / 14P
   2-channel Analog Multiplexer Demultiplexer
logo
NXP Semiconductors
74LVC1G53 NXP-74LVC1G53 Datasheet
130Kb / 22P
   2-channel analog multiplexer/demultiplexer
Rev. 03-29 August 2007
logo
Renesas Technology Corp
HD74LV2GT53A RENESAS-HD74LV2GT53A Datasheet
95Kb / 10P
   2-channel Analog Multiplexer / Demultiplexer
HD74LV1GW53A RENESAS-HD74LV1GW53A_06 Datasheet
101Kb / 7P
   2-channel Analog Multiplexer / Demultiplexer
HD74LVC1G53 RENESAS-HD74LVC1G53 Datasheet
2Mb / 13P
   2-channel Analog Multiplexer/Demultiplexer
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Renesas Technology Corp
HD74LV2G53A RENESAS-HD74LV2G53A Datasheet
99Kb / 12P
   2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74LVC1G3157 PHILIPS-74LVC1G3157 Datasheet
133Kb / 22P
   2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Rev. 01-7 February 2005
74LVC2G53 PHILIPS-74LVC2G53 Datasheet
139Kb / 24P
   2-channel analog multiplexer/demultiplexer
Rev. 02-31 March 2006
74LVC2G53 NXP-74LVC2G53 Datasheet
144Kb / 23P
   2-channel analog multiplexer/demultiplexer
Rev. 05-18 June 2008
logo
Nexperia B.V. All right...
74LVC1G53-Q100 NEXPERIA-74LVC1G53-Q100 Datasheet
282Kb / 19P
   2-channel analog multiplexer/demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com