データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVCH32245A データシート(PDF) 3 Page - NXP Semiconductors

部品番号 74LVCH32245A
部品情報  32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVCH32245A データシート(HTML) 3 Page - NXP Semiconductors

  74LVCH32245A Datasheet HTML 1Page - NXP Semiconductors 74LVCH32245A Datasheet HTML 2Page - NXP Semiconductors 74LVCH32245A Datasheet HTML 3Page - NXP Semiconductors 74LVCH32245A Datasheet HTML 4Page - NXP Semiconductors 74LVCH32245A Datasheet HTML 5Page - NXP Semiconductors 74LVCH32245A Datasheet HTML 6Page - NXP Semiconductors 74LVCH32245A Datasheet HTML 7Page - NXP Semiconductors 74LVCH32245A Datasheet HTML 8Page - NXP Semiconductors 74LVCH32245A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
74LVCH32245A_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 20 August 2007
3 of 13
NXP Semiconductors
74LVCH32245A
32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
4.
Functional diagram
Fig 1.
Logic symbol
A5
A3
1DIR
A2
A4
1B0
1B1
1B2
1B3
1B4
1B5
1B6
1B7
A6
A1
B5
B2
B6
B1
C5
C2
C6
C1
D5
D2
D6
1A0
1A1
1A2
1A3
1A4
1A5
1A6
1A7
D1
1OE
E5
H3
2DIR
E2
H4
2B0
2B1
2B2
2B3
2B4
2B5
2B6
2B7
E6
E1
F5
F2
F6
F1
G5
G2
G6
G1
H6
H1
H5
2A0
2A1
2A2
2A3
2A4
2A5
2A6
2A7
H2
2OE
J5
J3
3DIR
J2
J4
3B0
3B1
3B2
3B3
3B4
3B5
3B6
3B7
J6
J1
K5
K2
K6
K1
L5
L2
L6
L1
M5
M2
M6
3A0
3A1
3A2
3A3
3A4
3A5
3A6
3A7
M1
3OE
N5
T3
4DIR
N2
T4
4B0
4B1
4B2
4B3
4B4
4B5
4B6
4B7
N6
N1
P5
P2
P6
P1
R5
R2
R6
R1
T6
T1
T5
4A0
4A1
4A2
4A3
4A4
4A5
4A6
4A7
T2
4OE
mna476


同様の部品番号 - 74LVCH32245A

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVCH32245A PHILIPS-74LVCH32245A Datasheet
87Kb / 16P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
1999 Sep 01
logo
Renesas Technology Corp
74LVCH32245A RENESAS-74LVCH32245A Datasheet
308Kb / 8P
   3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
Apr.01.21
logo
Integrated Device Techn...
74LVCH32245ABF IDT-74LVCH32245ABF Datasheet
220Kb / 7P
   3.3V CMOS 32-BIT BUS TRANSCEIVER
logo
Renesas Technology Corp
74LVCH32245ABF RENESAS-74LVCH32245ABF Datasheet
308Kb / 8P
   3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD
Apr.01.21
logo
Integrated Device Techn...
74LVCH32245ABF8 IDT-74LVCH32245ABF8 Datasheet
220Kb / 7P
   3.3V CMOS 32-BIT BUS TRANSCEIVER
More results

同様の説明 - 74LVCH32245A

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVC32245A PHILIPS-74LVC32245A_15 Datasheet
162Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3-16 December 2011
74LVC32245A NXP-74LVC32245A Datasheet
88Kb / 12P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 01-20 August 2007
74LVC32245A PHILIPS-74LVC32245A Datasheet
87Kb / 16P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
1999 Sep 01
74LVCH32245A PHILIPS-74LVCH32245A_15 Datasheet
175Kb / 15P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 5-15 December 2011
logo
Nexperia B.V. All right...
74LVC32245A NEXPERIA-74LVC32245A Datasheet
984Kb / 14P
   32-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 3 - 16 December 2011
logo
Integrated Circuit Syst...
74LVC_LVCH16245A ICST-74LVC_LVCH16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
logo
Nexperia B.V. All right...
74LVC16245A-Q100 NEXPERIA-74LVC16245A-Q100 Datasheet
248Kb / 14P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
74LVCH16245A NEXPERIA-74LVCH16245A Datasheet
260Kb / 15P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 14 - 24 September 2021
logo
NXP Semiconductors
74LVC_LVCH16245A PHILIPS-74LVC_LVCH16245A_15 Datasheet
283Kb / 20P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 12-13 February 2012
74LVC16245A PHILIPS-74LVC16245A Datasheet
122Kb / 19P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 08-6 November 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com