データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF6775MTRPBF データシート(PDF) 1 Page - International Rectifier

部品番号 IRF6775MTRPBF
部品情報  DIGITAL AUDIO MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF6775MTRPBF データシート(HTML) 1 Page - International Rectifier

  IRF6775MTRPBF Datasheet HTML 1Page - International Rectifier IRF6775MTRPBF Datasheet HTML 2Page - International Rectifier IRF6775MTRPBF Datasheet HTML 3Page - International Rectifier IRF6775MTRPBF Datasheet HTML 4Page - International Rectifier IRF6775MTRPBF Datasheet HTML 5Page - International Rectifier IRF6775MTRPBF Datasheet HTML 6Page - International Rectifier IRF6775MTRPBF Datasheet HTML 7Page - International Rectifier IRF6775MTRPBF Datasheet HTML 8Page - International Rectifier IRF6775MTRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.irf.com
1
4/17/07
IRF6775MTRPbF
Notes
 through ‰ are on page 2
Applicable DirectFET Outline and Substrate Outline (see p. 6, 7 for details)
DIGITAL AUDIO MOSFET
Description
This Digital Audio MOSFET is specifically designed for Class-D audio amplifier applications. This MOSFET utilizes the
latest processing techniques to achieve low on-resistance per silicon area. Furthermore, gate charge, body-diode reverse
recovery and internal gate resistance are optimized to improve key Class-D audio amplifier performance factors such as
efficiency, THD, and EMI.
The IRF6775MPbF device utilizes DirectFETTM packaging technology. DirectFETTM packaging technology offers lower parasitic
inductance and resistance when compared to conventional wirebonded SOIC packaging. Lower inductance improves EMI
performance by reducing the voltage ringing that accompanies fast current transients. The DirectFETTM package is compatible
with existing layout geometries used in power applications, PCB assembly equipment and vapor phase, infra-red or convection
soldering techniques, when application note AN-1035 is followed regarding the manufacturing method and processes. The
DirectFETTM package also allows dual sided cooling to maximize thermal transfer in power systems, improving thermal resis-
tance and power dissipation. These features combine to make this MOSFET a highly efficient, robust and reliable device for
Class-D audio amplifier applications.
Features
• Latest MOSFET Silicon technology
• Key parameters optimized for Class-D audio amplifier
applications
• Low RDS(on) for improved efficiency
• Low Qg for better THD and improved efficiency
• Low Qrr for better THD and lower EMI
• Low package stray inductance for reduced ringing and lower EMI
• Can deliver up to 250W per channel into 4Ω Load in
Half-Bridge Configuration Amplifier
• Dual sided cooling compatible
· Compatible with existing surface mount technologies
· RoHS compliant containing no lead or bromide
·Lead-Free (Qualified up to 260°C Reflow)
DirectFET
™ ISOMETRIC
MZ
PD - 97117
SQ
SX
ST
SH
MQ
MX
MT
MN
MZ
'
*
6
6
'
VDS
150
V
RDS(on) typ. @ VGS = 10V
47
m
:
Qg typ.
25.0
nC
RG(int) max.
3.0
Key Parameters
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
A
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
™
PD @TC = 25°C
Maximum Power Dissipation
W
PD @TA = 25°C
Power Dissipation
e
PD @TA = 70°C
Power Dissipation
e
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
Ù
A
Linear Derating Factor
e
W/°C
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJA
Junction-to-Ambient
ek
–––
45
°C/W
RθJA
Junction-to-Ambient
hk
12.5
–––
RθJA
Junction-to-Ambient
ik
20
–––
RθJC
Junction-to-Case
jk
–––
1.4
RθJ-PCB
Junction-to-PCB Mounted
1.4
–––
89
Max.
4.9
3.9
39
150
± 20
28
-40 to + 150
0.022
2.8
1.8
33
5.6


同様の部品番号 - IRF6775MTRPBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF6775MTRPBF IRF-IRF6775MTRPBF Datasheet
2Mb / 6P
   Benchmark MOSFETs Product Selection Guide
More results

同様の説明 - IRF6775MTRPBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRLR4343PBF IRF-IRLR4343PBF Datasheet
306Kb / 11P
   DIGITAL AUDIO MOSFET
IRFSL5620PBF IRF-IRFSL5620PBF Datasheet
338Kb / 9P
   DIGITAL AUDIO MOSFET
IRFSL5615PBF IRF-IRFSL5615PBF Datasheet
351Kb / 9P
   DIGITAL AUDIO MOSFET
IRF6785MTRPBF IRF-IRF6785MTRPBF Datasheet
604Kb / 9P
   DIGITAL AUDIO MOSFET
IRLIB4343 IRF-IRLIB4343 Datasheet
239Kb / 7P
   DIGITAL AUDIO MOSFET
IRLIB9343PBF IRF-IRLIB9343PBF Datasheet
208Kb / 7P
   DIGITAL AUDIO MOSFET
IRLR9343PBF IRF-IRLR9343PBF Datasheet
299Kb / 10P
   DIGITAL AUDIO MOSFET
IRFI4019H-117P IRF-IRFI4019H-117P Datasheet
286Kb / 7P
   DIGITAL AUDIO MOSFET
IRFS5620PBF IRF-IRFS5620PBF Datasheet
338Kb / 9P
   DIGITAL AUDIO MOSFET
IRFB5620PBF IRF-IRFB5620PBF Datasheet
274Kb / 7P
   DIGITAL AUDIO MOSFET
IRLIB9343 IRF-IRLIB9343 Datasheet
190Kb / 7P
   DIGITAL AUDIO MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com