データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM5073F2S データシート(PDF) 1 Page - Nippon Precision Circuits Inc

部品番号 SM5073F2S
部品情報  VCXO ICs with Built-in Varicap
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NPC [Nippon Precision Circuits Inc]
ホームページ  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5073F2S データシート(HTML) 1 Page - Nippon Precision Circuits Inc

  SM5073F2S Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5073F2S Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5073F2S Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5073F2S Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5073F2S Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5073F2S Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5073F2S Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5073F2S Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5073F2S Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SM5073 series
SEIKO NPC CORPORATION —1
VCXO ICs with Built-in Varicap
OVERVIEW
The SM5073 series are VCXO ICs with built-in varicap diode. They use a recently developed negative-resis-
tance switching oscillation circuit, at oscillation startup and during normal oscillation, for both good oscilla-
tion startup characteristics and wide pullrange. Furthermore, it employs a CMOS process varicap diode, and
also features all the necessary VCXO structure circuit components on a single chip, forming a VCXO with just
the connection of an external crystal.
FEATURES
I
3.0 to 3.6V supply voltage range
I
10MHz to 60MHz operating frequency
(varies with version)
I
Uses negative-resistance switching function
I
Varicap diode built-in
I
Frequency divider built-in (varies with version: fO,
fO/2, fO/4, fO/8, fO/16, fO/32)
I
CMOS output level
I
50 ± 10% output duty
I
6mA (min) output drive capability
I
15pF output load capacitance CL
I
Standby function
High impedance in standby mode
(oscillator continues running)
I
Package: 8-pin SOP (SM5073
××S)
APPLICATIONS
I
VCXO modules
I
Communications application
I
Networking application
I
Broadcasting application
PACKAGE DIMENSIONS
(Unit: mm)
SERIES LINEUP
ORDERING INFORMATION
5.2 0.3
0.4 0.1
0.15 + 0.1
− 0.05
0 to 10
0.695typ
1.27
0.12 M
0.10
Version
Typical oscillation
frequency1 [MHz]
1. The typical oscillation frequency is the oscillation frequency criteria for use when selecting the device version. Note that the oscillation
characteristics and pullability vary with the crystal used and the mounting conditions. Even for the same frequency, the optimal version can vary
with crystal characteristics, so careful evaluation should be exercised when selecting the device version.
Output frequency
SM5073
×1S
SM5073
×2S2
2. These versions are produced after receiving a purchase order. Please ask our Sales & Marketing section for further detail.
SM5073
×3S2
SM5073
×4S2
SM5073
×5S2
SM5073
×6S2
SM5073A
×S16
fO
fO/2
fO/4
fO/8
fO/16
fO/32
SM5073B
×S23
SM5073C
×S30
SM5073D
×S37
SM5073E
×S44
SM5073F
×S51
Device
Package
SM5073
××S
8-pin SOP


同様の部品番号 - SM5073F2S

メーカー部品番号データシート部品情報
logo
Semtech Corporation
SM50 SEMTECH-SM50 Datasheet
151Kb / 3P
   RECTIFIER UP YO 10kV, 300mA, 2.5us
logo
Datatronic Distribution...
SM500-1 DATATRONICS-SM500-1 Datasheet
98Kb / 1P
   ADSL POTS SPLITTER INDUCTORS
SM500-10 DATATRONICS-SM500-10 Datasheet
98Kb / 1P
   ADSL POTS SPLITTER INDUCTORS
SM500-11 DATATRONICS-SM500-11 Datasheet
98Kb / 1P
   ADSL POTS SPLITTER INDUCTORS
SM500-12 DATATRONICS-SM500-12 Datasheet
98Kb / 1P
   ADSL POTS SPLITTER INDUCTORS
More results

同様の説明 - SM5073F2S

メーカー部品番号データシート部品情報
logo
Nippon Precision Circui...
CF5073 NPC-CF5073 Datasheet
105Kb / 14P
   VCXO Module ICs with Built-in Varicap
CF5074A NPC-CF5074A Datasheet
84Kb / 9P
   VCXO Module IC with Built-in Varicap
5075 NPC-5075 Datasheet
308Kb / 14P
   VCXO Module IC with Built-in Varicap
5076 NPC-5076 Datasheet
284Kb / 13P
   VCXO Module IC with Built-in Varicap
logo
Torex Semiconductor
XC2311 TOREX-XC2311_1 Datasheet
192Kb / 12P
   VCXO ICs with Built-in Variable Capacitor
logo
Rohm
BU2365FV ROHM-BU2365FV Datasheet
311Kb / 6P
   Clock Generator With Built-in VCXO
logo
Torex Semiconductor
XC2173 TOREX-XC2173 Datasheet
160Kb / 8P
   ICs for use with Crystal Oscillators (PLL built-in)
logo
Rohm
BD8132FV ROHM-BD8132FV_09 Datasheet
601Kb / 21P
   High-precision Gamma Correction ICs with built-in DAC
logo
Torex Semiconductor
XC2173-12 TOREX-XC2173-12 Datasheet
137Kb / 10P
   ICs for use with Crystal Oscillators (PLL built - in)
XC2173 TOREX-XC2173_1 Datasheet
222Kb / 10P
   ICs for use with Crystal Oscillators (PLL built - in)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com