データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM6451A データシート(PDF) 11 Page - Nippon Precision Circuits Inc

部品番号 SM6451A
部品情報  Audio Variable Volume IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NPC [Nippon Precision Circuits Inc]
ホームページ  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6451A データシート(HTML) 11 Page - Nippon Precision Circuits Inc

Back Button SM6451A Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6451A Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6451A Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6451A Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6451A Datasheet HTML 9Page - Nippon Precision Circuits Inc SM6451A Datasheet HTML 10Page - Nippon Precision Circuits Inc SM6451A Datasheet HTML 11Page - Nippon Precision Circuits Inc SM6451A Datasheet HTML 12Page - Nippon Precision Circuits Inc SM6451A Datasheet HTML 13Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
SM6451A
SEIKO NPC CORPORATION —11
TYPICAL APPLICATIONS
Connection Guidelines
Decoupling capacitors of approximately 10µF should be connected from AVDD, VRL, VRR to AVSS, and
from DVDD to DVSS.
In addition, approximately 0.01µF capacitors should also be connected from AVDD, VRL, VRR to AVSS, and
from DVDD to DVSS to suppress digital switch noise.
An approximately 0.001µF capacitor connected from RSTN to DVSS will force a system reset when power is
applied.
Connection 1 (to DAC)
DVSS
AVSS1 to 4
LIN
RIN
ADRS1
ADRS2
LOUT
ROUT
MDT MCK MLEN
SM6451
LIN
RIN
ADRS1
ADRS2
LOUT
ROUT
SM6451
AVDD
AVSS
AVDD
AVSS
Analog L.P.F.
Analog L.P.F.
CPU
LOA
LOBN
ROA
ROBN
SM5864
MDT MCK MLEN
AVDD1 to 4
L-ch OUT
R-ch OUT
L-ch OUT
R-ch OUT
DVDD
DVSS
DVDD
DVSS
DVDD
+ 5V
for Front
for Rear


同様の部品番号 - SM6451A

メーカー部品番号データシート部品情報
logo
Nippon Precision Circui...
SM6451AV NPC-SM6451AV Datasheet
149Kb / 12P
   Audio Variable Volume IC
SM6451AVNIPPON NPC-SM6451AVNIPPON Datasheet
149Kb / 12P
   Audio Variable Volume IC
More results

同様の説明 - SM6451A

メーカー部品番号データシート部品情報
logo
Nippon Precision Circui...
SM6451AVNIPPON NPC-SM6451AVNIPPON Datasheet
149Kb / 12P
   Audio Variable Volume IC
SM6451BV NPC-SM6451BV Datasheet
155Kb / 12P
   Audio Variable Volume IC
SM6451B NPC-SM6451B Datasheet
162Kb / 12P
   Audio Variable Volume IC
SM6452AM NPC-SM6452AM Datasheet
130Kb / 16P
   Audio Variable Volume ICs
logo
Sanyo Semicon Device
LV3319PM SANYO-LV3319PM Datasheet
875Kb / 26P
   For Car Audio Systems Electronic Volume IC
LV3328PM SANYO-LV3328PM Datasheet
274Kb / 26P
   For Car Audio Systems Electronic Volume IC
logo
ON Semiconductor
LV3313PM-TLM-E ONSEMI-LV3313PM-TLM-E Datasheet
123Kb / 18P
   Electronic Volume IC for Car Audio Systems
May, 2013
logo
Sanyo Semicon Device
LV3329PE SANYO-LV3329PE Datasheet
230Kb / 30P
   For Car Audio Systems Electronic Volume IC
logo
SHENZHEN FUMAN ELECTRON...
TC3303 FUMAN-TC3303 Datasheet
354Kb / 7P
   3W-D stereo audio amplifier IC with volume control
logo
ON Semiconductor
LV3319PM ONSEMI-LV3319PM Datasheet
281Kb / 26P
   Electronic Volume IC
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com