データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6731B データシート(PDF) 10 Page - STMicroelectronics

部品番号 L6731B
部品情報  Adjustable step-down controller with synchronous rectification Dedicated to DDR Memory
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6731B データシート(HTML) 10 Page - STMicroelectronics

Back Button L6731B Datasheet HTML 6Page - STMicroelectronics L6731B Datasheet HTML 7Page - STMicroelectronics L6731B Datasheet HTML 8Page - STMicroelectronics L6731B Datasheet HTML 9Page - STMicroelectronics L6731B Datasheet HTML 10Page - STMicroelectronics L6731B Datasheet HTML 11Page - STMicroelectronics L6731B Datasheet HTML 12Page - STMicroelectronics L6731B Datasheet HTML 13Page - STMicroelectronics L6731B Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Device description
L6731B
10/24
5
Device description
5.1
Oscillator
The switching frequency can be fixed to two values: 250KHz or 500KHz by setting the proper
voltage at the EAREF pin (see Table 3. Pins function and section 4.3 Internal and external
reference).
5.2
Internal LDO
An internal LDO supplies the internal circuitry of the device. The input of this stage is the VCC
pin and the output (5V) is the VCCDR pin (Figure 3.).
The LDO can be by-passed, providing directly a 5V voltage to VCCDR. In this case VCC and
VCCDR pins must be shorted together as shown in Figure 4. VCCDR pin must be filtered with at
least 1µF capacitor to sustain the internal LDO during the recharge of the bootstrap capacitor.
VCCDR also represents a voltage reference for PGOOD pin (see Table 3. Pins Function).
Figure 3.
LDO block diagram.
LDO
4.5V
÷14V


同様の部品番号 - L6731B

メーカー部品番号データシート部品情報
logo
STMicroelectronics
L6731D STMICROELECTRONICS-L6731D Datasheet
388Kb / 23P
   Adjustable step-down controller with synchronous rectification dedicated to DDR memory
L6731DTR STMICROELECTRONICS-L6731DTR Datasheet
388Kb / 23P
   Adjustable step-down controller with synchronous rectification dedicated to DDR memory
More results

同様の説明 - L6731B

メーカー部品番号データシート部品情報
logo
STMicroelectronics
L6731D STMICROELECTRONICS-L6731D Datasheet
388Kb / 23P
   Adjustable step-down controller with synchronous rectification dedicated to DDR memory
L6910 STMICROELECTRONICS-L6910 Datasheet
453Kb / 21P
   ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
L6732 STMICROELECTRONICS-L6732_08 Datasheet
900Kb / 37P
   Adjustable step-down controller with synchronous rectification
L6910 STMICROELECTRONICS-L6910_05 Datasheet
682Kb / 29P
   ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
L6730 STMICROELECTRONICS-L6730 Datasheet
1Mb / 52P
   Adjustable step-down controller with synchronous rectification
L6732 STMICROELECTRONICS-L6732 Datasheet
794Kb / 33P
   Adjustable step-down controller with synchronous rectification
L6910G STMICROELECTRONICS-L6910G Datasheet
1Mb / 26P
   ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
L6730 STMICROELECTRONICS-L6730_09 Datasheet
1Mb / 52P
   Adjustable step-down controller with synchronous rectification
L6730C STMICROELECTRONICS-L6730C Datasheet
1Mb / 50P
   Adjustable step-down controller with synchronous rectification
L6732_0906 STMICROELECTRONICS-L6732_0906 Datasheet
823Kb / 36P
   Adjustable step-down controller with synchronous rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com