データシートサーチシステム |
|
SN74ALVCH245PWR データシート(PDF) 2 Page - Texas Instruments |
|
|
SN74ALVCH245PWR データシート(HTML) 2 Page - Texas Instruments |
2 / 14 page www.ti.com DIR OE A1 B1 To Seven Other Channels 1 2 19 18 ABSOLUTE MAXIMUM RATINGS (1) SN74ALVCH245 OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS SCES119G – JULY 1997 – REVISED SEPTEMBER 2004 LOGIC DIAGRAM (POSITIVE LOGIC) over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT VCC Supply voltage range -0.5 4.6 V Except I/O ports(2) -0.5 4.6 VI Input voltage range V I/O ports(2)(3) -0.5 VCC + 0.5 VO Output voltage range(2)(3) -0.5 VCC + 0.5 V IIK Input clamp current VI < 0 -50 mA IOK Output clamp current VO < 0 -50 mA IO Continuous output current ±50 mA Continuous current through VCC or GND ±100 mA DGV package 92 DW package 58 θ JA Package thermal impedance(4) °C/W NS package 60 PW package 83 Tstg Storage temperature range -65 150 °C (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed. (3) This value is limited to 4.6 V maximum. (4) The package thermal impedance is calculated in accordance with JESD 51-7. 2 |
同様の部品番号 - SN74ALVCH245PWR |
|
同様の説明 - SN74ALVCH245PWR |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |