データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74ALVCH245PWRG4 データシート(PDF) 5 Page - Texas Instruments

部品番号 SN74ALVCH245PWRG4
部品情報  OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVCH245PWRG4 データシート(HTML) 5 Page - Texas Instruments

  SN74ALVCH245PWRG4 Datasheet HTML 1Page - Texas Instruments SN74ALVCH245PWRG4 Datasheet HTML 2Page - Texas Instruments SN74ALVCH245PWRG4 Datasheet HTML 3Page - Texas Instruments SN74ALVCH245PWRG4 Datasheet HTML 4Page - Texas Instruments SN74ALVCH245PWRG4 Datasheet HTML 5Page - Texas Instruments SN74ALVCH245PWRG4 Datasheet HTML 6Page - Texas Instruments SN74ALVCH245PWRG4 Datasheet HTML 7Page - Texas Instruments SN74ALVCH245PWRG4 Datasheet HTML 8Page - Texas Instruments SN74ALVCH245PWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
VM
VM
VM
VM
VM
VM
VM
VM
VOH
VOL
th
tsu
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT
S1
Open
GND
RL
RL
Output
Control
(low-level
enabling)
Output
Waveform 1
S1 at VLOAD
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
tPZL
tPZH
tPLZ
tPHZ
0 V
VOL + V
VOH − V
0 V
VI
0 V
0 V
tw
VI
VI
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PULSE DURATION
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
Timing
Input
Data
Input
Input
tpd
tPLZ/tPZL
tPHZ/tPZH
Open
VLOAD
GND
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω.
D. The outputs are measured one at a time, with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
H. All parameters and waveforms are not applicable to all devices.
0 V
VI
VM
tPHL
VM
VM
VI
0 V
VOH
VOL
Input
Output
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
VM
VM
tPLH
VLOAD
VLOAD/2
1.8 V
± 0.15 V
2.5 V
± 0.2 V
2.7 V
3.3 V
± 0.3 V
1 k
500
500
500
VCC
RL
2
× VCC
2
× VCC
6 V
6 V
VLOAD
CL
30 pF
30 pF
50 pF
50 pF
0.15 V
0.15 V
0.3 V
0.3 V
V
VCC
VCC
2.7 V
2.7 V
VI
VCC/2
VCC/2
1.5 V
1.5 V
VM
tr/tf
≤2 ns
≤2 ns
≤2.5 ns
≤2.5 ns
INPUT
SN74ALVCH245
OCTAL BUS TRANSCEIVER
WITH 3-STATE OUTPUTS
SCES119G – JULY 1997 – REVISED SEPTEMBER 2004
Figure 1. Load Circuit and Voltage Waveforms
5


同様の部品番号 - SN74ALVCH245PWRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ALVCH245PW TI-SN74ALVCH245PW Datasheet
112Kb / 8P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

同様の説明 - SN74ALVCH245PWRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
74AC11245 TI-74AC11245 Datasheet
109Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
REVISED APRIL 1996
SN74LVC245A TI-SN74LVC245A Datasheet
601Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN64BCT245 TI1-SN64BCT245_16 Datasheet
413Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCR2245A TI-SN74LVCR2245A_07 Datasheet
635Kb / 21P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVCH245 TI-SN74AVCH245 Datasheet
168Kb / 12P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVC245 TI-SN74AVC245 Datasheet
158Kb / 11P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ABT245B-EP TI1-SN74ABT245B-EP Datasheet
307Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC245 UTC-U74LVC245 Datasheet
201Kb / 6P
   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74LVCZ245A TI-SN74LVCZ245A_08 Datasheet
535Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
74ACT11620 TI1-74ACT11620 Datasheet
104Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com