データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPCF8303 データシート(PDF) 4 Page - Toshiba Semiconductor

部品番号 TPCF8303
部品情報  TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCF8303 データシート(HTML) 4 Page - Toshiba Semiconductor

  TPCF8303_07 Datasheet HTML 1Page - Toshiba Semiconductor TPCF8303_07 Datasheet HTML 2Page - Toshiba Semiconductor TPCF8303_07 Datasheet HTML 3Page - Toshiba Semiconductor TPCF8303_07 Datasheet HTML 4Page - Toshiba Semiconductor TPCF8303_07 Datasheet HTML 5Page - Toshiba Semiconductor TPCF8303_07 Datasheet HTML 6Page - Toshiba Semiconductor TPCF8303_07 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TPCF8303
2006-11-16
4
Drain current ID (A)
RDS (ON) – ID
10
-0.1
-1
-10
100
1000
Gate-source voltage VGS
(V)
VDS – VGS
0
-0.4
-0.6
-0.8
-1.0
0
-2
-4
-6
-8
-0.2
Drain-source voltage
VDS
(V)
ID – VDS
-5
-4
-2
-1
0
0
-0.2
-0.4
-0.6
-0.8
-1.0
-3
Drain-source voltage
VDS
(V)
ID – VDS
-8
-6
-4
-2
0
-10
0
-0.4
-0.8
-2.0
-1.2
-1.6
Drain current
ID (A)
⎪Yfs⎪ – ID
0.1
10
100
-0.1
-1
-10
1
-3.0
VGS = -1.4
-1.6
-1.8
-2.5
-4.5
-2.0
-5
Common source
Ta
= 25°C
Pulse Test
-3.5
-4.0
-6
Common source
Ta
= 25°C
Pulse Test
-1.6
-1.8
-2.0
-3.0
-5
VGS = -1.4 V
-2.2
-2.5
-3.5
-4.5
-4.0
Ta
= −55°C
25
100
Common source
VDS = -10 V
Pulse Test
Gate-source voltage
VGS
(V)
ID – VGS
0
0
-1
-2
-3
-1
-6
-2
-3
-4
-5
Common source
Ta
= 25℃
Pulse Test
ID = -3A
-1.5
-0.75
Common Source
VDS = -10 V
Pulse Test
25
100
Ta
= −55°C
Common Source
Ta
= 25°C
Pulse Test
VGS = -1.8V
-2.5
-4.5


同様の部品番号 - TPCF8303_07

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TPCF8303 TOSHIBA-TPCF8303 Datasheet
118Kb / 4P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
More results

同様の説明 - TPCF8303_07

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TPC8111 TOSHIBA-TPC8111 Datasheet
399Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
TPC8113 TOSHIBA-TPC8113 Datasheet
232Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
TPCS8105 TOSHIBA-TPCS8105 Datasheet
270Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
TPCF8302 TOSHIBA-TPCF8302 Datasheet
273Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
TPCF8304 TOSHIBA-TPCF8304 Datasheet
260Kb / 7P
   TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (U-MOS IV)
TPCF8303 TOSHIBA-TPCF8303 Datasheet
118Kb / 4P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS IV)
TPCP8402 TOSHIBA-TPCP8402 Datasheet
162Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPCP8402 TOSHIBA-TPCP8402_07 Datasheet
304Kb / 11P
   TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPCF8402 TOSHIBA-TPCF8402 Datasheet
274Kb / 11P
   TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPC8026 TOSHIBA-TPC8026 Datasheet
207Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
2009-09-29
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com