データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPCP8J01 データシート(PDF) 1 Page - Toshiba Semiconductor

部品番号 TPCP8J01
部品情報  TOSHIBA Multi-chip Device Silicon P Channel MOS Type (U-MOSIV) /Silicon NPN Epitaxial Type
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCP8J01 データシート(HTML) 1 Page - Toshiba Semiconductor

  TPCP8J01_07 Datasheet HTML 1Page - Toshiba Semiconductor TPCP8J01_07 Datasheet HTML 2Page - Toshiba Semiconductor TPCP8J01_07 Datasheet HTML 3Page - Toshiba Semiconductor TPCP8J01_07 Datasheet HTML 4Page - Toshiba Semiconductor TPCP8J01_07 Datasheet HTML 5Page - Toshiba Semiconductor TPCP8J01_07 Datasheet HTML 6Page - Toshiba Semiconductor TPCP8J01_07 Datasheet HTML 7Page - Toshiba Semiconductor TPCP8J01_07 Datasheet HTML 8Page - Toshiba Semiconductor TPCP8J01_07 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TPCP8J01
2006-11-17
1
TOSHIBA Multi-chip Device Silicon P Channel MOS Type (U-MOSIV) /Silicon NPN Epitaxial Type
TPCP8J01
Notebook PC Applications
Portable Equipment Applications
• Lead(Pb)-Free
• Small mounting area due to small and thin package
• Low drain-source ON resistance: P Channel RDS (ON) = 27 mΩ (typ.)
• High forward transfer admittance: P Channel |Yfs| = 9.6 S (typ.)
• Low leakage current: IDSS = −10 μA (VDS = −32 V)
• Enhancement-mode: P Channel Vth = −0.8 to −2.0 V
(VDS = −10 V, ID = −1 mA)
Absolute Maximum Ratings (Ta = 25°C)
MOSFET
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
−32
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
−32
V
Gate-source voltage
VGSS
±20
V
DC
(Note 1)
ID
−5.5
Drain current
Pulse (Note 1)
IDP
−22
A
Drain power dissipation
(t
= 5 s)
(Note 2a)
PD
2.14
W
Drain power dissipation
(t
= 5 s)
(Note 2b)
PD
1.06
W
Single pulse avalanche energy
(Note 3)
EAS
5.8
mJ
Avalanche current
IAR
−3
A
Repetitive avalanche energy (Note 4)
EAR
0.21
mJ
BRT
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
50
V
Collector-emitter voltage
VCEO
50
V
Emitter-base voltage
VEBO
6
V
Collector current
DC
(Note 1)
IC
100
mA
Collector power dissipation
PC
200
mW
Note: For Notes 1 to 5, refer to the next page.
This transistor is an electrostatic-sensitive device. Handle with caution.
Unit: mm
1. Emitter
5. Source
2. Drain
6. Gate
3. Drain
7. Base
4. Drain
8. Collector
JEDEC
JEITA
TOSHIBA
2-3V1G
Weight: 0.011 g (typ.)
Circuit Configuration
Marking (Note5)
8J01
1
2
3
4
8
7
6
5
Lot No.
0.33±0.05
0.28+0.1
-0.11
1.12+0.13
-0.12
0.475
0.65
A
0.05 M
2.9±0.1
4
1
5
8
0.8±0.05
0.17±0.02
B
B
0.05 M
A
S
0.025
S
1.12+0.13
-0.12
0.28+0.1
-0.11
1
2
3
4
8
7
6
5
R1
R2


同様の部品番号 - TPCP8J01_07

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TPCP8J01 TOSHIBA-TPCP8J01 Datasheet
189Kb / 5P
   TOSHIBA Multi-chip Device Silicon P Channel MOS Type (U-MOSIV) /Silicon NPN Epitaxial Type
TPCP8J01 TOSHIBA-TPCP8J01 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

同様の説明 - TPCP8J01_07

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TPCP8J01 TOSHIBA-TPCP8J01 Datasheet
189Kb / 5P
   TOSHIBA Multi-chip Device Silicon P Channel MOS Type (U-MOSIV) /Silicon NPN Epitaxial Type
TPC8114 TOSHIBA-TPC8114 Datasheet
168Kb / 4P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIV)
TPCF8B01 TOSHIBA-TPCF8B01 Datasheet
81Kb / 4P
   TOSHIBA Multi-Chip Device Silicon P Channel MOS Type (U-MOS III) / Schottky Barrier Diode
TPCF8B01 TOSHIBA-TPCF8B01_07 Datasheet
324Kb / 9P
   TOSHIBA Multi-Chip Device Silicon P Channel MOS Type (U-MOS III) / Schottky Barrier Diode
TK25A10K3 TOSHIBA-TK25A10K3 Datasheet
312Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIV)
TPC8115 TOSHIBA-TPC8115 Datasheet
2Mb / 4P
   FIELD EFFECT TRANSISTOR SILICON P CHANNEL MOS TYPE(U-MOSIV)
TPCP8202 TOSHIBA-TPCP8202 Datasheet
235Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOSIV)
TPC6107 TOSHIBA-TPC6107 Datasheet
203Kb / 7P
   Silicon P Channel MOS Type (U-MOSIV) Notebook PC Applications
TPCP8H02 TOSHIBA-TPCP8H02 Datasheet
249Kb / 8P
   TOSHIBA Multi-Chip Transistor Silicon NPN Epitaxial Type, Field Effect Transistor Silicon N Channel MOS Type
TPCP8H01 TOSHIBA-TPCP8H01 Datasheet
253Kb / 8P
   TOSHIBA Multi-Chip Transistor Silicon NPN Epitaxial Type, Field Effect Transistor Silicon N Channel MOS Type
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com