データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPCP8J01 データシート(PDF) 3 Page - Toshiba Semiconductor

部品番号 TPCP8J01
部品情報  TOSHIBA Multi-chip Device Silicon P Channel MOS Type (U-MOSIV) /Silicon NPN Epitaxial Type
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCP8J01 データシート(HTML) 3 Page - Toshiba Semiconductor

  TPCP8J01_07 Datasheet HTML 1Page - Toshiba Semiconductor TPCP8J01_07 Datasheet HTML 2Page - Toshiba Semiconductor TPCP8J01_07 Datasheet HTML 3Page - Toshiba Semiconductor TPCP8J01_07 Datasheet HTML 4Page - Toshiba Semiconductor TPCP8J01_07 Datasheet HTML 5Page - Toshiba Semiconductor TPCP8J01_07 Datasheet HTML 6Page - Toshiba Semiconductor TPCP8J01_07 Datasheet HTML 7Page - Toshiba Semiconductor TPCP8J01_07 Datasheet HTML 8Page - Toshiba Semiconductor TPCP8J01_07 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TPCP8J01
2006-11-17
3
Electrical Characteristics (Ta = 25°C)
MOSFET
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±16 V, VDS = 0 V
±10
μA
Drain cut-off current
IDSS
VDS = −32 V, VGS = 0 V
−10
μA
V (BR) DSS
ID = −10 mA, VGS = 0 V
−32
Drain-source breakdown voltage
V (BR) DSX
ID = −10 mA, VGS = 20 V
−15
V
Gate threshold voltage
Vth
VDS = −10 V, ID = − 1mA
−0.8
−2.0
V
VGS = −4 V, ID = −3.0 A
38
49
Drain-source ON resistance
RDS (ON)
VGS = −10 V, ID = −3.0 A
27
35
m
Ω
Forward transfer admittance
|Yfs|
VDS = −10 V, ID = −3.0 A
4.8
9.6
S
Input capacitance
Ciss
1760
Reverse transfer capacitance
Crss
200
Output capacitance
Coss
VDS = −10 V, VGS = 0 V, f = 1 MHz
210
pF
Rise time
tr
2.8
Turn-on time
ton
12
Fall time
tf
22
Switching time
Turn-off time
toff
Duty <= 1%, tw = 10 μs
90
ns
Total gate charge
(gate-source plus gate-drain)
Qg
34
Gate-source charge 1
Qgs1
4.7
Gate-drain (“miller”) charge
Qgd
VDD ∼− −24 V, VGS = −10 V,
ID = −5.5 A
7.2
nC
Source-Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Drain reverse current (Pulse) (Note 1)
IDRP
−22
A
Forward voltage (diode)
VDSF
IDR = −5.5 A, VGS = 0 V
1.2
V
VDD ∼− −15 V
−10 V
VGS
0 V
ID = −3.0 A
VOUT


同様の部品番号 - TPCP8J01_07

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TPCP8J01 TOSHIBA-TPCP8J01 Datasheet
189Kb / 5P
   TOSHIBA Multi-chip Device Silicon P Channel MOS Type (U-MOSIV) /Silicon NPN Epitaxial Type
TPCP8J01 TOSHIBA-TPCP8J01 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

同様の説明 - TPCP8J01_07

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TPCP8J01 TOSHIBA-TPCP8J01 Datasheet
189Kb / 5P
   TOSHIBA Multi-chip Device Silicon P Channel MOS Type (U-MOSIV) /Silicon NPN Epitaxial Type
TPC8114 TOSHIBA-TPC8114 Datasheet
168Kb / 4P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIV)
TPCF8B01 TOSHIBA-TPCF8B01 Datasheet
81Kb / 4P
   TOSHIBA Multi-Chip Device Silicon P Channel MOS Type (U-MOS III) / Schottky Barrier Diode
TPCF8B01 TOSHIBA-TPCF8B01_07 Datasheet
324Kb / 9P
   TOSHIBA Multi-Chip Device Silicon P Channel MOS Type (U-MOS III) / Schottky Barrier Diode
TK25A10K3 TOSHIBA-TK25A10K3 Datasheet
312Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIV)
TPC8115 TOSHIBA-TPC8115 Datasheet
2Mb / 4P
   FIELD EFFECT TRANSISTOR SILICON P CHANNEL MOS TYPE(U-MOSIV)
TPCP8202 TOSHIBA-TPCP8202 Datasheet
235Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOSIV)
TPC6107 TOSHIBA-TPC6107 Datasheet
203Kb / 7P
   Silicon P Channel MOS Type (U-MOSIV) Notebook PC Applications
TPCP8H02 TOSHIBA-TPCP8H02 Datasheet
249Kb / 8P
   TOSHIBA Multi-Chip Transistor Silicon NPN Epitaxial Type, Field Effect Transistor Silicon N Channel MOS Type
TPCP8H01 TOSHIBA-TPCP8H01 Datasheet
253Kb / 8P
   TOSHIBA Multi-Chip Transistor Silicon NPN Epitaxial Type, Field Effect Transistor Silicon N Channel MOS Type
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com