データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC8881SRGETG4 データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 DAC8881SRGETG4
部品情報  16-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

DAC8881SRGETG4 データシート(HTML) 1 Page - Texas Instruments

  DAC8881SRGETG4 Datasheet HTML 1Page - Texas Instruments DAC8881SRGETG4 Datasheet HTML 2Page - Texas Instruments DAC8881SRGETG4 Datasheet HTML 3Page - Texas Instruments DAC8881SRGETG4 Datasheet HTML 4Page - Texas Instruments DAC8881SRGETG4 Datasheet HTML 5Page - Texas Instruments DAC8881SRGETG4 Datasheet HTML 6Page - Texas Instruments DAC8881SRGETG4 Datasheet HTML 7Page - Texas Instruments DAC8881SRGETG4 Datasheet HTML 8Page - Texas Instruments DAC8881SRGETG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
BurrBrown Products
from Texas Instruments
DAC8881
1
FEATURES
DESCRIPTION
APPLICATIONS
R
FB
(1)
Control
Logic
DV
DD
DGND
IOV
DD
AGND
AV
DD
V
-S
REFH
V
-F
REFH
RST
RSTSEL
USB/BTC
GAIN
SDI
CS
SCLK
Input
Register
DAC
Latch
LDAC
V
-S
REFL
V
-F
REFL
Resistor
Network
DAC
NOTE:(1) R
=5k
forgain=1,
W
FB
R
=10k
forgain=2.
W
FB
DAC8881
SerialOut
Control
SDOSEL
SDO
Power-On
Reset
PDN
V
OUT
R
FB
DAC8881
SBAS422A – JULY 2007 – REVISED SEPTEMBER 2007
16-Bit, Single-Channel, Low-Noise, Voltage-Output
DIGITAL-TO-ANALOG CONVERTER
2345
• Relative Accuracy: ±0.5 LSB
The
DAC8881
is
a
16-bit,
single-channel,
voltage-output digital-to-analog converter (DAC) that
• 16-Bit Monotonic Over Temperature Range
offers low-power operation and a flexible SPI serial
• Low-Noise: 24nV/√Hz
interface.
It
also
features
16-bit
monotonicity,
• Fast Settling: 5μs
excellent linearity, and fast settling time. The on-chip
• On-Chip Output Buffer Amplifier with
precision output amplifier allows rail-to-rail output
swing to be achieved over the full supply range of
Rail-to-Rail Operation
2.7V to 5.5V.
• Wide, Single Power Supply: +2.7V to +5.5V
The device supports a standard SPI serial interface
• DAC Loading Control
capable of operating with input data clock frequencies
• Selectable Power-On Reset to Zero-Scale or
up to 50MHz. The DAC8881 requires an external
Midscale
reference voltage to set the output range of the DAC
• Power-Down Mode
channel. A programmable power-on reset circuit is
also incorporated into the device to ensure that the
• Unipolar Straight Binary or
DAC output powers up at zero-scale or midscale, and
2's Complement Input Mode
remains there until a valid write command.
• Fast SPI™ Interface with Schmitt-Triggered
Additionally, the device has the capability to function
Inputs:
in either unipolar straight binary or 2's complement
Up To 50MHz, 1.8V/3V/5V Logic
mode. The DAC8881 provides a power-down feature,
• Small Package: QFN-24, 4x4mm
accessed over the PDN pin, that reduces the current
consumption to 25
μA at 5V. Power consumption is
6mW at 5V, reducing to 125
μW in power-down mode.
• Industrial Process Control
The DAC8881 is available in a 4x4mm QFN-24
• Data Acquisition Systems
package with a specified operating temperature range
• Automatic Test Equipment
of –40°C to +105°C.
• Communications
• Optical Networking
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
DSP is a trademark of Texas Instruments.
3
SPI, QSPI are trademarks of Motorola, Inc.
4
MICROWIRE is a trademark of National Semiconductor.
5
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - DAC8881SRGETG4

メーカー部品番号データシート部品情報
logo
Analog Devices
DAC888 AD-DAC888_15 Datasheet
3Mb / 12P
   8-BIt LevelTriggered Latch
REV. B
More results

同様の説明 - DAC8881SRGETG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC9881_0808 TI-DAC9881_0808 Datasheet
1Mb / 38P
[Old version datasheet]   18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC9881 TI-DAC9881 Datasheet
296Kb / 13P
[Old version datasheet]   18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC9881 TI1-DAC9881_15 Datasheet
1Mb / 39P
[Old version datasheet]   18-Bit, Single-Channel, Low-Noise, Voltage-Output DIGITAL-TO-ANALOG CONVERTER
DAC8581 TI-DAC8581 Datasheet
507Kb / 14P
[Old version datasheet]   16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8581 TI1-DAC8581_16 Datasheet
1Mb / 20P
[Old version datasheet]   16-BIT, HIGH-SPEED, LOW-NOISE, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7641 TI1-DAC7641_08 Datasheet
1Mb / 22P
[Old version datasheet]   16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7641 BURR-BROWN-DAC7641 Datasheet
1,000Kb / 18P
   16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7641 BURR-BROWN-DAC7641_08 Datasheet
1Mb / 22P
   16-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7664 TI-DAC7664 Datasheet
452Kb / 28P
[Old version datasheet]   16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7744 BURR-BROWN-DAC7744 Datasheet
458Kb / 23P
   16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com