データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC100LVEP05DTR2G データシート(PDF) 1 Page - ON Semiconductor

部品番号 MC100LVEP05DTR2G
部品情報  2.5V / 3.3V ECL 2-Input Differential AND/NAND
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEP05DTR2G データシート(HTML) 1 Page - ON Semiconductor

  MC100LVEP05DTR2G Datasheet HTML 1Page - ON Semiconductor MC100LVEP05DTR2G Datasheet HTML 2Page - ON Semiconductor MC100LVEP05DTR2G Datasheet HTML 3Page - ON Semiconductor MC100LVEP05DTR2G Datasheet HTML 4Page - ON Semiconductor MC100LVEP05DTR2G Datasheet HTML 5Page - ON Semiconductor MC100LVEP05DTR2G Datasheet HTML 6Page - ON Semiconductor MC100LVEP05DTR2G Datasheet HTML 7Page - ON Semiconductor MC100LVEP05DTR2G Datasheet HTML 8Page - ON Semiconductor MC100LVEP05DTR2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2007
May, 2007 - Rev. 0
1
Publication Order Number:
MC100LVEP05/D
MC100LVEP05
2.5V / 3.3V ECL 2-Input
Differential AND/NAND
Description
The MC100LVEP05 is a 2-input differential AND/NAND gate.
The MC100LVEP05 is the low voltage version of the MC100EP05
and is functionally equivalent to the EL05 and LVEL05 devices. With
AC performance much faster than the LVEL05 device, the
MC100LVEP05 is ideal for low voltage applications requiring the
fastest AC performance available.
The 100 Series contains temperature compensation.
Features
220 ps Typical Propagation Delay
Input Clock Frequency > 3 GHz
0.2 ps Typical RMS Random Clock Period Jitter
LVPECL Mode Operating Range: VCC = 2.375 V to 3.6 V
with VEE = 0 V
NECL Mode Operating Range: VCC = 0 V
with VEE = -2.375 V to -3.6 V
Open Input Default State
Q Output Will Default LOW with Inputs Open
These are Pb-Free Devices*
*For additional information on our Pb-Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Y = Year
W = Work Week
G = Pb-Free Package
K = MC100
M = Date Code
A = Assembly Location
L
= Wafer Lot
MARKING DIAGRAMS*
TSSOP-8
DT SUFFIX
CASE 948R
ALYW
G
G
KU05
1
8
1
8
http://onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the package
dimensions section on page 7 of this data sheet.
ORDERING INFORMATION
DFN8
MN SUFFIX
CASE 506AA
4
(Note: Microdot may be in either location)
6N M
G
G
1


同様の部品番号 - MC100LVEP05DTR2G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100LVEP05DTR2G ONSEMI-MC100LVEP05DTR2G Datasheet
161Kb / 10P
   2.5V / 3.3V ECL 2-Input Differential AND/NAND
October, 2009 ??Rev. 2
More results

同様の説明 - MC100LVEP05DTR2G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC100LVEP05 ONSEMI-MC100LVEP05_09 Datasheet
161Kb / 10P
   2.5V / 3.3V ECL 2-Input Differential AND/NAND
October, 2009 ??Rev. 2
MC100LVEL05 ONSEMI-MC100LVEL05_06 Datasheet
140Kb / 8P
   3.3V ECL 2-Input Differential AND/NAND
December, 2006 ??Rev. 3
MC100EP05 ONSEMI-MC100EP05 Datasheet
85Kb / 10P
   3.3V / 5V ECL 2-Input Differential AND/NAND
June, 2004 ??Rev. 6
MC100EP105 ONSEMI-MC100EP105 Datasheet
81Kb / 8P
   3.3V / 5V ECL Quad 2-Input Differential AND/NAND
September, 2002 ??Rev. 8
MC100LVEO05 ONSEMI-MC100LVEO05 Datasheet
110Kb / 9P
   ECL 2-Input Differential AND/NAND
May, 2007 - Rev. 0
MC10EL05 ONSEMI-MC10EL05_06 Datasheet
153Kb / 9P
   5V ECL 2-Input Differential AND/NAND
December, 2006 ??Rev. 5
MC10EP05 ONSEMI-MC10EP05_06 Datasheet
108Kb / 11P
   3.3V / 5V ECL 2?묲nput Differential AND/NAND
November, 2006 ??Rev. 8
MC10EP105 ONSEMI-MC10EP105_06 Datasheet
160Kb / 11P
   3.3V / 5V ECL Quad 2?묲nput Differential AND/NAND
November, 2006 ??Rev. 11
MC10EP05 ONSEMI-MC10EP05_16 Datasheet
190Kb / 11P
   ECL 2?륤nput Differential AND/NAND
July, 2016 ??Rev. 10
logo
Motorola, Inc
MC100ES6011 MOTOROLA-MC100ES6011 Datasheet
351Kb / 8P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com