データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPCS8007-H データシート(PDF) 5 Page - Toshiba Semiconductor

部品番号 TPCS8007-H
部品情報  High-Speed Switching Applications Switching Regulator Applications DC/DC Converter Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCS8007-H データシート(HTML) 5 Page - Toshiba Semiconductor

  TPCS8007-H Datasheet HTML 1Page - Toshiba Semiconductor TPCS8007-H Datasheet HTML 2Page - Toshiba Semiconductor TPCS8007-H Datasheet HTML 3Page - Toshiba Semiconductor TPCS8007-H Datasheet HTML 4Page - Toshiba Semiconductor TPCS8007-H Datasheet HTML 5Page - Toshiba Semiconductor TPCS8007-H Datasheet HTML 6Page - Toshiba Semiconductor TPCS8007-H Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TPCS8007-H
2006-11-21
5
Ambient temperature Ta (°C)
Dynamic input/output
characteristics
Total gate charge Qg (nC)
Ambient temperature Ta (°C)
RDS (ON) − Ta
Drain-source voltage VDS (V)
IDR − VDS
Drain-source voltage VDS (V)
Capacitance
− VDS
Vth − Ta
0.1
10
1
−0.2
0
−1.0
−0.6
−0.4
−0.8
10
3
1
VGS = 0 V
Common source
Ta
= 25°C
Pulse test
0
1
0.2
0.6
0.4
0.8
−40
−80
160
0
40
80
Common source
VGS = 10 V
Pulse test
ID = 1.9 A
0.5
0.9
250
50
150
100
200
0
0
20
4
12
8
16
0
VDS = 160 V
80
VGS
VDS
Common source
ID = 1.9 A
Ta
= 25°C
Pulse test
5
10
15
40
4
1
2
3
0
−80
0
40
80
120
160
−40
Common source
VDS = 10 V
ID = 1mA
Pulse test
10
1000
100
1
0.1
100
10
Ciss
Coss
Crss
Common source
VGS = 0 V
f
= 1 MHz
Ta
= 25°C
1
120
5
Ambient temperature Ta (°C)
PD – Ta
0
0
40
80
120
160
200
0.4
0.8
1.2
1.6
2.0
(2)
(1)
(1) Device mounted on a
glass-epoxy board (a)
(Note 2a)
(2) Device mounted on a
glass-epoxy board (b)
(Note 2b)
t=
10s


同様の部品番号 - TPCS8007-H

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TPCS8004 TOSHIBA-TPCS8004 Datasheet
233Kb / 7P
   Silicon N Channel MOS Type (Pi-MOSV)
TPCS8004 TOSHIBA-TPCS8004 Datasheet
211Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC-DC Converter Applications
TPCS8004 TOSHIBA-TPCS8004_07 Datasheet
268Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC-DC Converter Applications
TPCS8004 TOSHIBA-TPCS8004_09 Datasheet
211Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC-DC Converter Applications
TPCS8006 TOSHIBA-TPCS8006 Datasheet
163Kb / 4P
   High-Speed Switching Applications
More results

同様の説明 - TPCS8007-H

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TPCS8009-H TOSHIBA-TPCS8009-H Datasheet
235Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC/DC Converter Applications
TPCS8008-H TOSHIBA-TPCS8008-H_09 Datasheet
228Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC-DC Converter Applications
TPCS8004 TOSHIBA-TPCS8004_09 Datasheet
211Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC-DC Converter Applications
TPCS8004 TOSHIBA-TPCS8004_07 Datasheet
268Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC-DC Converter Applications
TPCS8008-H TOSHIBA-TPCS8008-H Datasheet
215Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC/DC Converter Applications
2SC6040 TOSHIBA-2SC6040 Datasheet
189Kb / 5P
   High-Speed and High-Voltage Switching Applications Switching Regulator Applications DC-DC Converter Applications
2SC6000 TOSHIBA-2SC6000 Datasheet
181Kb / 5P
   High Speed Switching Applications DC-DC Converter Applications
2SA2069 TOSHIBA-2SA2069_06 Datasheet
154Kb / 5P
   High-Speed Switching Applications DC-DC Converter Applications
2SA2066 TOSHIBA-2SA2066_09 Datasheet
162Kb / 5P
   High-Speed Switching Applications DC-DC Converter Applications
2SA2069 TOSHIBA-2SA2069 Datasheet
196Kb / 5P
   High-Speed Switching Applications DC-DC Converter Applications
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com