データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPCS8211 データシート(PDF) 6 Page - Toshiba Semiconductor

部品番号 TPCS8211
部品情報  Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCS8211 データシート(HTML) 6 Page - Toshiba Semiconductor

  TPCS8211_07 Datasheet HTML 1Page - Toshiba Semiconductor TPCS8211_07 Datasheet HTML 2Page - Toshiba Semiconductor TPCS8211_07 Datasheet HTML 3Page - Toshiba Semiconductor TPCS8211_07 Datasheet HTML 4Page - Toshiba Semiconductor TPCS8211_07 Datasheet HTML 5Page - Toshiba Semiconductor TPCS8211_07 Datasheet HTML 6Page - Toshiba Semiconductor TPCS8211_07 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TPCS8211
2007-01-16
6
Drain-source voltage VDS (V)
Pulse width tw (S)
rth − tw
0.001
0.01
0.1
1
10
100
1000
Device mounted on a glass-epoxy board (a) (Note 2a)
Single-device operation (Note 3a)
Single-device value at dual operation (Note 3b)
Device mounted on a glass-epoxy board (b) (Note 2b)
Single-device operation (Note 3a)
Single-device value at dual operation (Note 3b)
(1)
0.1
1
0.3
0.5
3
5
10
30
50
100
300
1000
500
(2)
(3)
(4)
Single pulse
0.01
0.03
0.1
0.3
1
3
10
100
30
0.01
0.03
0.05
0.1
0.3
0.5
1
3
5
10
30
100
50
* Single pulse Ta
= 25°C
Curves must be derated linearly
with increase in temperature.
ID max (pulse) *
10 ms *
1 ms *
VDSS max
Single-device value at dual
operation
(Note 3b)
Safe operating area


同様の部品番号 - TPCS8211_07

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TPCS8211 TOSHIBA-TPCS8211 Datasheet
224Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIII)
More results

同様の説明 - TPCS8211_07

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TPCA8102 TOSHIBA-TPCA8102_06 Datasheet
295Kb / 7P
   Lithium Ion Battery Applications Notebook pc Applications Notebook PC Applications Portable Equipment Applications
TPCA8103 TOSHIBA-TPCA8103_06 Datasheet
288Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCA8025 TOSHIBA-TPCA8025 Datasheet
215Kb / 7P
   Lithium-Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPC8110 TOSHIBA-TPC8110_06 Datasheet
267Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8209 TOSHIBA-TPCS8209_07 Datasheet
190Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8204 TOSHIBA-TPCS8204_07 Datasheet
188Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8302 TOSHIBA-TPCS8302_07 Datasheet
194Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPCS8105 TOSHIBA-TPCS8105_07 Datasheet
255Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
TPC8210 TOSHIBA-TPC8210_07 Datasheet
275Kb / 7P
   Lithium Ion Battery Applications Portable Equipment Applications Notebook PC Applications
TPC8207 TOSHIBA-TPC8207_07 Datasheet
254Kb / 7P
   Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com