データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74V3680-15PEU データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74V3680-15PEU
部品情報  102436, 204836, 409636, 819236, 1638436, 32768 횞 36 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74V3680-15PEU データシート(HTML) 1 Page - Texas Instruments

  SN74V3680-15PEU Datasheet HTML 1Page - Texas Instruments SN74V3680-15PEU Datasheet HTML 2Page - Texas Instruments SN74V3680-15PEU Datasheet HTML 3Page - Texas Instruments SN74V3680-15PEU Datasheet HTML 4Page - Texas Instruments SN74V3680-15PEU Datasheet HTML 5Page - Texas Instruments SN74V3680-15PEU Datasheet HTML 6Page - Texas Instruments SN74V3680-15PEU Datasheet HTML 7Page - Texas Instruments SN74V3680-15PEU Datasheet HTML 8Page - Texas Instruments SN74V3680-15PEU Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
SN74V3640, SN74V3650, SN74V3660, SN74V3670, SN74V3680, SN74V3690
1024
× 36, 2048 × 36, 4096 × 36, 8192 × 36, 16384 × 36, 32768 × 36
3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SCAS668A – NOVEMBER 2001 – REVISED MARCH 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Choice of Memory Organizations
– SN74V3640 – 1024
× 36 Bit
– SN74V3650 – 2048
× 36 Bit
– SN74V3660 – 4096
× 36 Bit
– SN74V3670 – 8192
× 36 Bit
– SN74V3680 – 16384
× 36 Bit
– SN74V3690 – 32768
× 36 Bit
D 166-MHz Operation (6-ns Read/Write Cycle
Time)
D User-Selectable Input- and Output-Port Bus
Sizing
×36 in to ×36 out
×36 in to ×18 out
×36 in to ×9 out
×18 in to ×36 out
×9 in to ×36 out
D Big-Endian/Little-Endian User-Selectable
Byte Representation
D 5-V-Tolerant Inputs
D Fixed, Low, First-Word Latency
D Zero-Latency Retransmit
D Master Reset Clears Entire FIFO
D Partial Reset Clears Data, But Retains
Programmable Settings
D Empty, Full, and Half-Full Flags Signal FIFO
Status
D Programmable Almost-Empty and
Almost-Full Flags; Each Flag Can Default to
One of Eight Preselected Offsets
D Selectable Synchronous/Asynchronous
Timing Modes for Almost-Empty and
Almost-Full Flags
D Program Programmable Flags by Either
Serial or Parallel Means
D Select Standard Timing (Using EF and FF
Flags) or First-Word Fall-Through (FWFT)
Timing (Using OR and IR Flags)
D Output Enable Puts Data Outputs in
High-Impedance State
D Easily Expandable in Depth and Width
D Independent Read and Write Clocks Permit
Reading and Writing Simultaneously
D High-Performance Submicron CMOS
Technology
D Available in 128-Pin Thin Quad Flat Pack
(TQFP)
description
The SN74V3640, SN74V3650, SN74V3660, SN74V3670, SN74V3680, and SN74V3690 are exceptionally
deep, high-speed CMOS, first-in first-out (FIFO) memories, with clocked read and write controls and a flexible
bus-matching
×36/×18/×9 data flow. These FIFOs offer several key user benefits:
D Flexible ×36/×18/×9 bus matching on both read and write ports
D The period required by the retransmit operation is fixed and short.
D The first-word data-latency period, from the time the first word is written to an empty FIFO to the time it can
be read, is fixed and short.
D High-density offerings up to 1 Mbit
Bus-matching synchronous FIFOs are particularly appropriate for network, video, signal processing,
telecommunications, data communications, and other applications that need to buffer large amounts of data
and match buses of unequal sizes.
Each FIFO has a data input port (Dn) and a data output port (Qn), both of which can assume 36-bit, 18-bit, or
9-bit width, as determined by the state of external control pins’ input width (IW), output width (OW), and bus
matching (BM) during the master-reset cycle.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


同様の部品番号 - SN74V3680-15PEU

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74V215 TI-SN74V215 Datasheet
555Kb / 40P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215 Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215-10PAG TI-SN74V215-10PAG Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215-10PAG TI-SN74V215-10PAG Datasheet
600Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215-15PAG TI-SN74V215-15PAG Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
More results

同様の説明 - SN74V3680-15PEU

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ALVC3651 TI-SN74ALVC3651 Datasheet
383Kb / 26P
[Old version datasheet]   2048 횞 36 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ACT3641 TI-SN74ACT3641 Datasheet
379Kb / 26P
[Old version datasheet]   1024 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN54ACT3641 TI-SN54ACT3641 Datasheet
377Kb / 26P
[Old version datasheet]   1024 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT3651 TI-SN74ACT3651 Datasheet
376Kb / 26P
[Old version datasheet]   2048 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT3651 TI1-SN74ACT3651_09 Datasheet
470Kb / 29P
[Old version datasheet]   2048 횞 36 CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ACT3632 TI1-SN74ACT3632_08 Datasheet
503Kb / 30P
[Old version datasheet]   512 횞 36 횞 2CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74V263 TI-SN74V263 Datasheet
803Kb / 52P
[Old version datasheet]   8192 횞 18, 16384 횞 18, 32768 횞 18, 65536 횞 18 3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT3622 TI-SN74ACT3622 Datasheet
417Kb / 28P
[Old version datasheet]   256 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN54ACT3632 TI-SN54ACT3632 Datasheet
383Kb / 25P
[Old version datasheet]   512 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ABT3612 TI-SN74ABT3612 Datasheet
462Kb / 31P
[Old version datasheet]   64 횞 36 횞 2 CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com