データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPD4104K データシート(PDF) 7 Page - Toshiba Semiconductor

部品番号 TPD4104K
部品情報  DC brush less motor driver using high voltage PWM control
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD4104K データシート(HTML) 7 Page - Toshiba Semiconductor

Back Button TPD4104K Datasheet HTML 3Page - Toshiba Semiconductor TPD4104K Datasheet HTML 4Page - Toshiba Semiconductor TPD4104K Datasheet HTML 5Page - Toshiba Semiconductor TPD4104K Datasheet HTML 6Page - Toshiba Semiconductor TPD4104K Datasheet HTML 7Page - Toshiba Semiconductor TPD4104K Datasheet HTML 8Page - Toshiba Semiconductor TPD4104K Datasheet HTML 9Page - Toshiba Semiconductor TPD4104K Datasheet HTML 10Page - Toshiba Semiconductor TPD4104K Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
TPD4104K
2005-01-27
7
Truth Table
Input
Top arm
Bottom arm
Mode
HU
HV
HW
LU
LV
LW
phase
phase
phase
phase
phase
phase
DIAG
Normal
ON
OFF
OFF
OFF
ON
OFF
OFF
ON
OFF
OFF
OFF
OFF
ON
OFF
OFF
ON
OFF
OFF
OFF
ON
OFF
OFF
ON
OFF
ON
OFF
OFF
OFF
OFF
OFF
ON
ON
OFF
OFF
OFF
OFF
OFF
ON
OFF
ON
OFF
OFF
Over current
OFF
OFF
OFF
OFF
OFF
OFF
ON
OFF
OFF
OFF
OFF
OFF
OFF
ON
OFF
OFF
OFF
OFF
OFF
OFF
ON
OFF
OFF
OFF
OFF
OFF
OFF
ON
OFF
OFF
OFF
OFF
OFF
OFF
ON
OFF
OFF
OFF
OFF
OFF
OFF
ON
OFF
OFF
OFF
OFF
OFF
OFF
ON
Thermal shutdown
OFF
OFF
OFF
OFF
OFF
OFF
ON
OFF
OFF
OFF
OFF
OFF
OFF
ON
OFF
OFF
OFF
OFF
OFF
OFF
ON
OFF
OFF
OFF
OFF
OFF
OFF
ON
OFF
OFF
OFF
OFF
OFF
OFF
ON
Under voltage
OFF
OFF
OFF
OFF
OFF
OFF
ON
OFF
OFF
OFF
OFF
OFF
OFF
ON
OFF
OFF
OFF
OFF
OFF
OFF
ON
OFF
OFF
OFF
OFF
OFF
OFF
ON
OFF
OFF
OFF
OFF
OFF
OFF
ON
OFF
OFF
OFF
OFF
OFF
OFF
ON
Notes: Release of Thermal shutdown protection and under voltage protection depends release of a self-reset and over current
protection on an all "L" input.
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
VBB
500
V
Power supply voltage
VCC
18
V
Output current (DC)
Iout
2
A
Output current (pulse)
Iout
3
A
Input voltage
VIN
−0.5~7
V
VREG current
IREG
50
mA
Power dissipation (Ta
= 25°C)
PC
4
W
Power dissipation (Tc
= 25°C)
PC
20
W
Operating temperature
Tjopr
−20~135
°C
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55~150
°C
Lead-heat sink isolation voltage
Vhs
1000 (1 min)
Vrms


同様の部品番号 - TPD4104K

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TPD4104AK TOSHIBA-TPD4104AK Datasheet
386Kb / 23P
   High Voltage Monolithic Silicon Power IC
TPD4104AK TOSHIBA-TPD4104AK Datasheet
372Kb / 24P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4104AK TOSHIBA-TPD4104AK_07 Datasheet
372Kb / 24P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
More results

同様の説明 - TPD4104K

メーカー部品番号データシート部品情報
logo
New Japan Radio
NJM2624A NJRC-NJM2624A Datasheet
134Kb / 8P
   BRUSH LESS DC MOTOR PRE-DRIVER
logo
ON Semiconductor
STK984-091A-E ONSEMI-STK984-091A-E Datasheet
69Kb / 7P
   3-phase Brush-less DC Motor Driver IC
April, 2013
logo
STMicroelectronics
STSPIN250 STMICROELECTRONICS-STSPIN250 Datasheet
531Kb / 26P
   Low voltage brush DC motor driver
November 2016 Rev 2
STSPIN240 STMICROELECTRONICS-STSPIN240 Datasheet
654Kb / 26P
   Low voltage dual brush DC motor driver
November 2016 Rev 3
logo
Rohm
BA6920FP-Y ROHM-BA6920FP-Y_1 Datasheet
160Kb / 5P
   Motor driver with DC brush
logo
Shenzhen Huazhimei Semi...
HM2572 HMSEMI-HM2572 Datasheet
1Mb / 14P
   Brush type DC motor driver
HM2570 HMSEMI-HM2570 Datasheet
749Kb / 11P
   Brush type DC motor driver
logo
Rohm
BA6219BFP-Y ROHM-BA6219BFP-Y Datasheet
225Kb / 5P
   Motor driver with DC brush
BD60203EFV ROHM-BD60203EFV Datasheet
2Mb / 23P
   36V 2ch DC Brush Motor Driver
logo
Toshiba Semiconductor
TB62217AFG TOSHIBA-TB62217AFG Datasheet
876Kb / 61P
   PWM drive Stepping Motor Driver / Brush DC Motor Driver Selectable, DC-DC Converter and Reset function IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com