データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

F4655-13 データシート(PDF) 1 Page - Hamamatsu Corporation

部品番号 F4655-13
部品情報  High-Speed Response MCP Assembly Ideal for High Resolution TOF-MS Detector Incorporates a Two-Stage MCP with 4 關m Channel Diameter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HAMAMATSU [Hamamatsu Corporation]
ホームページ  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

F4655-13 データシート(HTML) 1 Page - Hamamatsu Corporation

  F4655-13_05 Datasheet HTML 1Page - Hamamatsu Corporation F4655-13_05 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GENERAL
SPECIFICATIONS
FEATURES
GExcellent Time Response
G50 Ω Impedance Matching
GCompact and Lightweight
APPLICATION
GTOF-MS (Time-of-flight mass spectrometer)
Parameter
Value
Unit
Assembly Outer Diameter
Effective Diameter
Maximum Height
MCP Channel Diameter
Number of MCP Stages
mm
mm
mm
µm
38.0
14.5
31.9
4
2
MAXIMUM RATINGS (at 1.3
× 10-4 Pa)
MCP Supply Voltage (In-Out)
MCP-Out to Anode Voltage
Electric Potential at Each
Terminal
Baking Temperature
Baking Time
Baking Vacuum Condition
* Baking cannot be performed.
kV
kV
kV
°C
h
Pa (Torr)
2
0.5
MCP-In: -2.5
MCP-Out: -0.5
Anode: GND
—*
—*
—*
ELECTRICAL CHARACTERISTICS (at 1.3
× 10-4 Pa, Ta=+25 °C)
Gain at 2.0 kV
Plate Resistance per MCP
Dark Count at 2.0 kV
M
s-1·cm-2
1
× 106
10 to 100
5
Figure 1: Typical Output Waveform
MCP ASSEMBLY
FOR HIGH RESOLUTION TOF-MS
F4655-13
High-Speed Response MCP Assembly Ideal for High Resolution TOF-MS Detector
Incorporates a Two-Stage MCP with 4
µm Channel Diameter
TMCPB0079EA
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are
subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2005 Hamamatsu Photonics K.K.
Subject to local technical requirements and regulations, availability of products included in this promotional material may vary. Please consult with our sales office.
The F4655-13 MCP assembly is an ideal detector for high resolution
TOF-MS (time-of-flight mass spectroscopy) because of a two-stage
MCP with 4
µm channel diameter. Our own advanced technology in
optimizing MCP design allows obtaining an excellent output wave-
form with negligible ringing even when detecting very high-speed
signals. The dimensions are exactly the same as the F4655-10 MCP
assembly, ensuring a compact configuration and easy handling.
TMCPF0088
RESPONSE TIME (0.5 ns/div)
RISE TIME: 293 ps
FALL TIME: 539 ps
FWHM
: 455 ps
SUPPLY VOLTAGE (MCP): -1520 V


同様の部品番号 - F4655-13_05

メーカー部品番号データシート部品情報
logo
Hamamatsu Corporation
F4655-13 HAMAMATSU-F4655-13 Datasheet
63Kb / 2P
   MCP ASSEMBLY FOR HIGH RESOLUTION TOF-MS
More results

同様の説明 - F4655-13_05

メーカー部品番号データシート部品情報
logo
Hamamatsu Corporation
F4655-13 HAMAMATSU-F4655-13 Datasheet
63Kb / 2P
   MCP ASSEMBLY FOR HIGH RESOLUTION TOF-MS
F4655-12 HAMAMATSU-F4655-12 Datasheet
55Kb / 2P
   COMPACT MCP ASSEMBLY FOR TOF
F4294-09 HAMAMATSU-F4294-09 Datasheet
67Kb / 2P
   MCP ASSEMBLY WITH CENTER HOLE FOR REFLECTRON MS
F9890-11 HAMAMATSU-F9890-11 Datasheet
254Kb / 2P
   HIGH TIME RESOLUTION TOF-MS DETECTOR HIGH VOLTAGE FLOATING OPERATION
F9890-13 HAMAMATSU-F9890-13 Datasheet
130Kb / 2P
   HIGH TIME RESOLUTION TOF-MS DETECTOR ANODE GROUND TYPE
F4655-01 HAMAMATSU-F4655-01 Datasheet
59Kb / 2P
   WIDE DYNAMIC RANGE MCP ASSEMBLY FOR HELIUM LEAK DETECTOR
F2223-21SH HAMAMATSU-F2223-21SH Datasheet
110Kb / 2P
   MCP ASSEMBLY
F12396-11 HAMAMATSU-F12396-11 Datasheet
287Kb / 2P
   COMPACT MCP ASSEMBLY SERIES
logo
Samsung semiconductor
KBY00U00VA-B450 SAMSUNG-KBY00U00VA-B450 Datasheet
1Mb / 92P
   MCP Specification
logo
Nanya Technology Corpor...
NM1482KSLAXCL NANYA-NM1482KSLAXCL Datasheet
5Mb / 119P
   MCP Specification
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com