データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L7726 データシート(PDF) 1 Page - Hamamatsu Corporation

部品番号 L7726
部品情報  Red LED for optical link Emitter for 156 Mbps POF communications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HAMAMATSU [Hamamatsu Corporation]
ホームページ  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L7726 データシート(HTML) 1 Page - Hamamatsu Corporation

  L7726_06 Datasheet HTML 1Page - Hamamatsu Corporation L7726_06 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
L7726 is designed for high-speed POF (Plastic Optical Fiber) communications. Both devices are molded into miniature plastic packages with
lenses, allowing easy and efficient coupling to a POF.
LED
Red LED for optical link
Emitter for 156 Mbps POF communications
L7726
Features
l Red LED for POF data link
l 650 nm emission suitable for POF communications
l High-speed response: fc=100 MHz Typ.
l High output power: Po= -1.5 dBm (IF=30 mA, φ1 mm, POF)
l Designed to be used with S7726
Applications
l Plastic optical fiber communications (FA, office machine,
home automation, LAN)
l Data transmission in locations subject to high
electromagnetic noise
1
s Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
Value
Unit
Forward current
IF
50
mA
Power dissipation
Pmax
250 *
1
mW
Operating temperature
Topr
0 to 60
°C
Storage temperature
Tstg
-40 to +85
°C
Soldering
-
230 °C, 5 s, at least 1.5 mm away from package surface
-
*1: Derate power dissipation at a rate of 1.7 mW/°C above Ta=25 °C
s Electrical and optical characteristics (Ta=25
°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF=30 mA
-
2.3
-
V
Peak emission wavelength
λp
IF=30 mA
640
650
660
nm
Spectral half width (FWHM)
∆λ
IF=30 mA
-
10
-
nm
Fiber coupled optical power
Po
IF=30 mA *
2
-
-1.5
-
dBm
Cut-off frequency
fc
IF=30 mA
-
100
-
MHz
*2: Measured using a 1-meter long optical fiber (GH4001 made by Mitsubishi Rayon).


同様の部品番号 - L7726_06

メーカー部品番号データシート部品情報
logo
Hamamatsu Corporation
L7726 HAMAMATSU-L7726 Datasheet
153Kb / 2P
   Emitter/receiver for 156 Mbps POF communications
More results

同様の説明 - L7726_06

メーカー部品番号データシート部品情報
logo
Hamamatsu Corporation
S7727 HAMAMATSU-S7727 Datasheet
67Kb / 2P
   Photo IC for optical link Receiver for 156 Mbps POF communications
L7726 HAMAMATSU-L7726 Datasheet
153Kb / 2P
   Emitter/receiver for 156 Mbps POF communications
L9534 HAMAMATSU-L9534 Datasheet
102Kb / 2P
   Red LED for optical link Red LED for 125 Mbps optical link
L8045 HAMAMATSU-L8045 Datasheet
101Kb / 2P
   Red LED for optical link
L10881 HAMAMATSU-L10881_15 Datasheet
184Kb / 3P
   Red LED for optical link
L10063-01 HAMAMATSU-L10063-01 Datasheet
121Kb / 2P
   Transmitter/Receiver photo IC for optical link For MOST automotive network, 50 Mbps band POF communications
L8045 HAMAMATSU-L8045_15 Datasheet
99Kb / 2P
   Red LED for optical link
L7140-10 HAMAMATSU-L7140-10 Datasheet
268Kb / 2P
   Red LED/Photo IC for optical link
L9907 HAMAMATSU-L9907 Datasheet
50Kb / 2P
   Red LED AlGaInP resonant cavity LED for POF data communication
S7141-10 HAMAMATSU-S7141-10 Datasheet
71Kb / 2P
   Photo IC for optical link
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com