データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L8013 データシート(PDF) 2 Page - Hamamatsu Corporation

部品番号 L8013
部品情報  Infrared LED Easy optical axis alignment LED for PCF200 fiber data links
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HAMAMATSU [Hamamatsu Corporation]
ホームページ  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

L8013 データシート(HTML) 2 Page - Hamamatsu Corporation

  L8013_06 Datasheet HTML 1Page - Hamamatsu Corporation L8013_06 Datasheet HTML 2Page - Hamamatsu Corporation L8013_06 Datasheet HTML 3Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Infrared LED
L8013
0
-2.0
-1.0
0
1.0
(Typ. Ta=25 ˚C, IF=30 mA, PCF200 fiber, Z=0.3 mm)
DISTANCE FROM CAP CENTER X, Y (mm)
2.0
20
40
60
80
100
120
Z
Y
X
0
0
0.2
0.4
(Typ. Ta=25 ˚C, IF=30 mA, PCF200 fiber, X, Y=0 mm)
DISTANCE BETWEEN FIBER END AND CAP SURFACE Z (mm)
0.6
20
40
60
80
120
100
Z
Y
X
700
800
900
1000
0
40
20
60
80
100
WAVELENGTH (nm)
(Typ. Ta=25 ˚C, IF=30 mA)
FREQUENCY (MHz)
-
8
1
10
100
-
5
-
6
-
7
-
1
-
2
-
3
-
4
0
1
(Typ. Ta=25 ˚C, IF=30 mA ± 4 mAp-p)
0
20406080
100
0
10
5
15
20
FORWARD CURRENT (mA)
(Typ. Ta=25 ˚C)
0
0.5
1.0
1.5
2.0
0
10
20
30
40
50
60
70
80
90
100
FORWARD VOLTAGE (V)
(Typ. Ta=25 ˚C)
2
s Emission spectrum
s Radiant flux vs. forward current
s Fiber coupling characteristics
s Frequency response
KLEDB0296EA
KLEDB0219EA
KLEDB0297EA
KLEDB0218EA
s Forward current vs. forward voltage
KLEDB0220EA
KLEDB0221EA
X, Y axes
Z axis


同様の部品番号 - L8013_06

メーカー部品番号データシート部品情報
logo
Hamamatsu Corporation
L8013 HAMAMATSU-L8013 Datasheet
106Kb / 2P
   Easy optical axis alignment LED for PCF200 fiber data links
More results

同様の説明 - L8013_06

メーカー部品番号データシート部品情報
logo
Hamamatsu Corporation
L8013 HAMAMATSU-L8013 Datasheet
106Kb / 2P
   Easy optical axis alignment LED for PCF200 fiber data links
logo
List of Unclassifed Man...
DLR1040 ETC1-DLR1040 Datasheet
518Kb / 11P
   FIBER OPTIC DATA LINKS
logo
Toshiba Semiconductor
TLN225 TOSHIBA-TLN225_07 Datasheet
204Kb / 5P
   INFRARED LED FOR SPACE OPTICAL TRANSMISSION
TLN233 TOSHIBA-TLN233 Datasheet
164Kb / 5P
   Infrared LED for Space-Optical-Transmission
TLN238 TOSHIBA-TLN238 Datasheet
181Kb / 5P
   Infrared LED for Space-Optical-Transmission
TLN225 TOSHIBA-TLN225 Datasheet
251Kb / 4P
   INFRARED LED FOR SPACE OPTICAL TRANSMISSION
TLN226 TOSHIBA-TLN226_07 Datasheet
208Kb / 5P
   INFRARED LED FOR SPACE-OPTICAL-TRANSMISSION
TLN226 TOSHIBA-TLN226 Datasheet
259Kb / 5P
   INFRARED LED FOR SPACE-OPTICAL-TRANSMISSION
TLN231 TOSHIBA-TLN231 Datasheet
132Kb / 5P
   Infrared LED for Space-Optical-Transmission
TLN231 TOSHIBA-TLN231_07 Datasheet
162Kb / 5P
   Infrared LED for Space-Optical-Transmission
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com