データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

P10090 データシート(PDF) 1 Page - Hamamatsu Corporation

部品番号 P10090
部品情報  InAs photovoltaic detector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HAMAMATSU [Hamamatsu Corporation]
ホームページ  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

P10090 データシート(HTML) 1 Page - Hamamatsu Corporation

  P10090 Datasheet HTML 1Page - Hamamatsu Corporation P10090 Datasheet HTML 2Page - Hamamatsu Corporation P10090 Datasheet HTML 3Page - Hamamatsu Corporation P10090 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
INFRARED
DETECTOR
InAs photovoltaic detector
Low noise, high reliability infrared detectors (for 3 µm band)
P10090 series
InAs photovoltaic detectors have high sensitivity in the infrared region around 3 µm as with PbS photoconductive detectors, and also
feature low noise and high reliability. P10090 series is a new family of InAs photovoltaic detectors that deliver even higher sensitivity than
our convensional products (P8079 series).
Features
l Low noise
l High reliability
l High detectivity (D*)
l Available in multi-element arrays (custom product)
Applications
l Gas analysis
l Laser detection
l Infrared spectrophotometry
l Radiation thermometer
Accessories (Optional)
l Heatsink for one-stage TE-cooled type
A3179
l Heatsink for two-stage TE-cooled type
A3179-01
l Temperature controller
C1103-04
l Infrared detector module with preamp
P4631-01
l Amplifiers for InAs photovoltaic detector
(custom-made product)
1
s Specifications/Absolute maximum ratings
Absolute maximum ratings
Active
area
Thermistor
power
dissipation
Reverse
voltage
VR
Operating
temperature
Topr
Storage
temperature
Tstg
Type No.
Di m ensional
outline/
Windo w
material *
Package
Cooling
(mm)
(mW)
(V)
(°C)
(°C)
P10090-01
➀/S
TO-5
Non-cooled
-
P10090-11
One-stage
TE-cooled
P10090-21
➁/S
TO-8
Two-stage
TE-cooled
φ1
0.2
0.5
-40 to +60
-40 to +80
* Window material S: sapphire glass
s Electrical and optical characteristics (Typ. unless otherwise noted)
M easure m ent
condition
Ele m e nt
te m p er ature
T
Peak
sensitivity
wavelength
λp
Cut- off
w a velength
λc
Photo
sensitivity
S
λ=λp
Shunt resistance
Rsh
D∗
(
λp, 600, 1)
NEP
λ=λp
Rise time
tr
VR=0 V
RL=50
0 to 63 %
Type No.
(°C)
(µm)
(µm)
(A/W)
Min.
(
Ω)
Typ.
(
Ω)
Min.
(c m· Hz1/2/W)
Typ.
(c m· Hz1/2/W)
(W/Hz
1/2)(µs)
P10090-01
25
3.35
3.65
1.0
40
70
3.0 × 10
9
4.5 × 10
9
1.5 × 10
-11
0.70
P10090-11
-10
3.30
3.55
250
400
1.0 × 10
10
1.6 × 10
10
5.3 × 10
-12
0.45
P10090-21
-30
3.25
3.45
1.2
1000
1300
2.0 × 10
10
3.2 × 10
10
2.8 × 10
-12
0.30


同様の部品番号 - P10090

メーカー部品番号データシート部品情報
logo
Hamamatsu Corporation
P10090 HAMAMATSU-P10090_15 Datasheet
212Kb / 6P
   InAs photovoltaic detectors
More results

同様の説明 - P10090

メーカー部品番号データシート部品情報
logo
Hamamatsu Corporation
P8079-01 HAMAMATSU-P8079-01 Datasheet
154Kb / 4P
   InAs photovoltaic detector
P8079 HAMAMATSU-P8079_07 Datasheet
83Kb / 4P
   InAs photovoltaic detector
P10090 HAMAMATSU-P10090_15 Datasheet
212Kb / 6P
   InAs photovoltaic detectors
P5968-060 HAMAMATSU-P5968-060 Datasheet
170Kb / 4P
   InSb photovoltaic detector
P11120-201 HAMAMATSU-P11120-201_15 Datasheet
218Kb / 6P
   InAsSb photovoltaic detector
P12691-201 HAMAMATSU-P12691-201_15 Datasheet
540Kb / 5P
   InAsSb photovoltaic detector
P9697 HAMAMATSU-P9697 Datasheet
86Kb / 2P
   MCT photovoltaic detector Photovoltaic detector with high-speed response and low noise
logo
VIGO Photonics S.A.
PVA VIGO-PVA Datasheet
637Kb / 2P
   2.4 – 5.3 μm InAs and InAsSb ambient temperature photovoltaic detectors
04/05/2022
PVA-2TE VIGO-PVA-2TE Datasheet
695Kb / 2P
   2.4 – 5.3 μm InAs and InAsSb two-stage thermoelectrically cooled photovoltaic detectors
04/05/2022
PVIA VIGO-PVIA Datasheet
645Kb / 2P
   2.4 – 5.3 μm InAs and InAsSb ambient temperature, optically immersed photovoltaic detectors
04/05/2022
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com