データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM74ALS241AWM データシート(PDF) 5 Page - Fairchild Semiconductor

部品番号 DM74ALS241AWM
部品情報  Octal 3-STATE Bus Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS241AWM データシート(HTML) 5 Page - Fairchild Semiconductor

  DM74ALS241AWM Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS241AWM Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS241AWM Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS241AWM Datasheet HTML 4Page - Fairchild Semiconductor DM74ALS241AWM Datasheet HTML 5Page - Fairchild Semiconductor DM74ALS241AWM Datasheet HTML 6Page - Fairchild Semiconductor DM74ALS241AWM Datasheet HTML 7Page - Fairchild Semiconductor DM74ALS241AWM Datasheet HTML 8Page - Fairchild Semiconductor DM74ALS241AWM Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
©1986 Fairchild Semiconductor Corporation
www.fairchildsemi.com
DM74ALS240A, DM74ALS241A Rev. 1.3
5
Switching Characteristics DM74ALS240A
Over recommended operating free air temperature range.
Switching Characteristics DM74ALS241A
Over recommended operating free air temperature range.
Symbol
Parameter
Conditions
From
(Input)
To
(Output)
Min.
Max.
Units
tPLH
Propagation Delay Time,
LOW-to-HIGH Level Output
VCC = 4.5V to 5.5V,
CL = 50pF,
R1
= 500Ω,
R2
= 500Ω,
TA = Min. to Max.
AY
2
9
ns
tPHL
Propagation Delay Time,
HIGH-to-LOW Level Output
29
ns
tPZH
Output Enable Time to HIGH
Level Output
G
Y3
13
ns
tPZL
Output Enable Time to LOW
Level Output
318
ns
tPHZ
Output Disable Time from
HIGH Level Output
G
Y2
10
ns
tPLZ
Output Disable Time from
LOW Level Output
312
ns
Symbol
Parameter
Conditions
From
(Input)
To
(Output)
Min.
Max.
Units
tPLH
Propagation Delay Time,
LOW-to-HIGH Level Output
VCC = 4.5V to 5.5V,
CL = 50pF,
R1
= 500Ω,
R2
= 500Ω,
TA = Min. to Max.
AY
3
11
ns
tPHL
Propagation Delay Time,
HIGH-to-LOW Level Output
310
ns
tPZH
Output Enable Time to HIGH
Level Output
1G
Y3
21
ns
tPZL
Output Enable Time to HIGH
Level Output
321
ns
tPHZ
Output Disable Time to HIGH
Level Output
1G
Y2
10
ns
tPLZ
Output Disable Time to LOW
Level Output
315
ns
tPZH
Output Enable Time to HIGH
Level Output
2G
Y
7
21
ns
tPZL
Output Enable Time to LOW
Level Output
721
ns
tPHZ
Output Disable Time from
HIGH Level Output
2G
Y
2
10
ns
tPLZ
Output Disable Time from
LOW Level Output
315
ns


同様の部品番号 - DM74ALS241AWM

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
DM74ALS241AWM FAIRCHILD-DM74ALS241AWM Datasheet
78Kb / 7P
   Octal 3-STATE Bus Driver
More results

同様の説明 - DM74ALS241AWM

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
DM74ALS1240A FAIRCHILD-DM74ALS1240A Datasheet
39Kb / 4P
   Octal 3-STATE Bus Driver
DM74ALS244A FAIRCHILD-DM74ALS244A Datasheet
73Kb / 6P
   Octal 3-STATE Bus Driver
DM74ALS240A FAIRCHILD-DM74ALS240A Datasheet
78Kb / 7P
   Octal 3-STATE Bus Driver
DM74ALS245A FAIRCHILD-DM74ALS245A Datasheet
73Kb / 6P
   Octal 3-STATE Bus Transceiver
logo
STMicroelectronics
74VHCT245A STMICROELECTRONICS-74VHCT245A Datasheet
68Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
74ACT245 STMICROELECTRONICS-74ACT245 Datasheet
70Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
April 2001
logo
NXP Semiconductors
74ALVC245 PHILIPS-74ALVC245_15 Datasheet
100Kb / 14P
   Octal bus transceiver; 3-state
Rev. 02-7 January 2008
74HC_HCT245 PHILIPS-74HC_HCT245_15 Datasheet
137Kb / 22P
   Octal bus tranceiver; 3-state
Rev. 03-31 January 2005
logo
Toshiba Semiconductor
TC74HCT245AP TOSHIBA-TC74HCT245AP_07 Datasheet
236Kb / 7P
   Octal Bus Transceiver (3-state)
logo
Integral Corp.
IN74ACT643 INTEGRAL-IN74ACT643 Datasheet
195Kb / 5P
   OCTAL 3-STATE BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com