データシートサーチシステム |
|
TLV2264IN データシート(PDF) 6 Page - Texas Instruments |
|
|
TLV2264IN データシート(HTML) 6 Page - Texas Instruments |
6 / 58 page TLV226x, TLV226xA Advanced LinCMOS RAILTORAIL OPERATIONAL AMPLIFIERS SLOS186C − FEBRUARY 1997 − REVISED AUGUST 2006 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLV2262I electrical characteristics at specified free-air temperature, VDD = 3 V (unless otherwise noted) PARAMETER TEST CONDITIONS TA† TLV2262I TLV2262AI UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX MIN TYP MAX UNIT VIO Input offset voltage 25 °C 300 2500 300 950 µV VIO Input offset voltage Full range 3000 1500 µV αVIO Temperature coefficient of input offset voltage 25 °C to 85 °C 2 2 µV/°C Input offset voltage long-term drift (see Note 4) VDD ± = ±1.5 V, VIC = 0, V = 0, R = 50 Ω 25 °C 0.003 0.003 µV/mo DD IC VO = 0, RS = 50 Ω 25 °C 0.5 60 0.5 60 IIO Input offset current OS 85 °C 150 150 pA IIO Input offset current Full range 800 800 pA 25 °C 1 60 1 60 IIB Input bias current 85 °C 150 150 pA IIB Input bias current Full range 800 800 pA VICR Common-mode input voltage range RS = 50 Ω |VIO |≤5 mV 25 °C 0 to 2 − 0.3 to 2.2 0 to 2 − 0.3 to 2.2 V VICR Common-mode input voltage range RS = 50 Ω, |VIO | ≤5 mV Full range 0 to 1.7 0 to 1.7 V IOH = − 20 µA 25 °C 2.99 2.99 High-level output IOH = − 100 µA 25 °C 2.85 2.85 VOH High-level output voltage IOH = − 100 µA Full range 2.825 2.825 V VOH voltage IOH = − 400 µA 25 °C 2.7 2.7 V IOH = − 400 µA Full range 2.65 2.65 VIC = 1.5 V, IOL = 50 µA 25 °C 10 10 Low-level output VIC = 1.5 V, IOL = 500 µA 25 °C 100 100 VOL Low-level output voltage VIC = 1.5 V, IOL = 500 µA Full range 150 150 mV VOL voltage VIC = 1.5 V, IOL = 1 mA 25 °C 200 200 mV VIC = 1.5 V, IOL = 1 mA Full range 300 300 Large-signal differential VIC = 1.5 V, RL = 50 kΩ‡ 25 °C 60 100 60 100 AVD Large-signal differential voltage amplification VIC = 1.5 V, VO = 1 V to 2 V RL = 50 kΩ‡ Full range 30 30 V/mV AVD voltage amplification VO = 1 V to 2 V RL = 1 MΩ‡ 25 °C 100 100 V/mV ri(d) Differential input resistance 25 °C 1012 1012 Ω ri(c) Common-mode input resistance 25 °C 1012 1012 Ω ci(c) Common-mode input capacitance f = 10 kHz, P package 25 °C 8 8 pF zo Closed-loop output impedance f = 100 kHz, AV = 10 25 °C 270 270 Ω CMRR Common-mode rejection ratio VIC = 0 to 1.7 V, V = 1.5 V, R = 50 25 °C 65 75 65 77 dB CMRR Common-mode rejection ratio VIC = 0 to 1.7 V, VO = 1.5 V, RS = 50 Ω Full range 60 60 dB kSVR Supply voltage rejection VDD = 2.7 V to 8 V, 25 °C 80 95 80 100 dB kSVR Supply voltage rejection ratio ( ∆VDD/∆VIO) VDD = 2.7 V to 8 V, VIC = VDD /2, No load Full range 80 80 dB † Full range is − 40°C to 125°C. ‡ Referenced to 1.5 V NOTE 4: Typical values are based on the input offset voltage shift observed through 500 hours of operating life test at TA = 150°C extrapolated to TA = 25°C using the Arrhenius equation and assuming an activation energy of 0.96 eV. |
同様の部品番号 - TLV2264IN |
|
同様の説明 - TLV2264IN |