データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI3460 データシート(PDF) 6 Page - Silicon Laboratories

部品番号 SI3460
部品情報  IEEE 802.3af PSE INTERFACE AND DC-DC CONTROLLER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI3460 データシート(HTML) 6 Page - Silicon Laboratories

Back Button SI3460 Datasheet HTML 2Page - Silicon Laboratories SI3460 Datasheet HTML 3Page - Silicon Laboratories SI3460 Datasheet HTML 4Page - Silicon Laboratories SI3460 Datasheet HTML 5Page - Silicon Laboratories SI3460 Datasheet HTML 6Page - Silicon Laboratories SI3460 Datasheet HTML 7Page - Silicon Laboratories SI3460 Datasheet HTML 8Page - Silicon Laboratories SI3460 Datasheet HTML 9Page - Silicon Laboratories SI3460 Datasheet HTML 10Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Si3460
6
Preliminary Rev. 0.4
3. Si3460 Electrical Specifications
The following specifications apply to the Si3460 controller. Refer to Tables 1, 5, 6, and 7, the Si3460-EVB User’s
Guide, and schematics for additional details about the electrical specifications of the Si3460-EVB reference design.
Table 2. Recommended Operating Conditions*
Description
Symbol
Test Conditions
Min
Typ
Max
Unit
Operating temperature range
TA
–40
25
+85
°C
Thermal impedance
θJA
No airflow
75
°C/W
VDD input supply voltage
VDD
During all operating modes
(detect, classification, disconnect)
2.7
3.3
3.6
V
*Note: VDD = 2.7 to 3.6 V, –40 to +85 °C unless otherwise specified.
Table 3. Absolute Maximum Ratings*
Parameter
Conditions
Max Rating
Unit
Ambient temperature under bias
–55 to +125
°C
Storage Temperature
–65 to +150
°C
Voltage on RST or any I/O pin with respect to GND
VDD > 2.2 V
–0.3 to 5.8
V
Voltage on VDD with respect to GND
–0.3 to 4.2
V
Maximum total current through VDD
and GND
500
mA
Maximum output current into GATE, CTRL1,
CTRL2, 250KHZ, STATUS, ISENSE, RST,
VSENSE, DETA (any I/O pin)
100
mA
ESD tolerance
Human Body Model
–2 kV to +2 kV
V
Lead Temperature
Soldering, 10 seconds maximum
260
°C
*Note: Stresses above those listed in this table may cause permanent device damage. This is a stress rating only, and
functional operation of the devices at these or any conditions above those indicated in the operational listings of this
specification is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability.


同様の部品番号 - SI3460

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI3460BD VISHAY-SI3460BD Datasheet
248Kb / 11P
   N-Channel 20-V (D-S) MOSFET
01-Jan-2022
SI3460BDV VISHAY-SI3460BDV Datasheet
115Kb / 7P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 29-Jan-07
Si3460BDV VISHAY-Si3460BDV Datasheet
223Kb / 11P
   N-Channel 20-V (D-S) MOSFET
Rev. C, 10-Aug-09
SI3460BDV VISHAY-SI3460BDV Datasheet
248Kb / 11P
   N-Channel 20-V (D-S) MOSFET
01-Jan-2022
SI3460BDV-T1-E3 VISHAY-SI3460BDV-T1-E3 Datasheet
115Kb / 7P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 29-Jan-07
More results

同様の説明 - SI3460

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS23750EVM-108 TI1-TPS23750EVM-108 Datasheet
1Mb / 41P
[Old version datasheet]   INTEGRATED 100-V IEEE 802.3af PD AND DC/DC CONTROLLER
TPS23750 TI-TPS23750 Datasheet
2Mb / 38P
[Old version datasheet]   INTEGRATED 100-V IEEE 802.3af PD AND DC/DC CONTROLLER
logo
Linear Technology
LTC4263 LINER-LTC4263_15 Datasheet
359Kb / 24P
   Single IEEE 802.3af Compliant PSE Controller with Internal Switch
LTC4263 LINER-LTC4263 Datasheet
356Kb / 24P
   Single IEEE 802.3af Compliant PSE Controller with Internal Switch
LTC4263CDE LINER-LTC4263CDE Datasheet
337Kb / 24P
   Single IEEE 802.3af Compliant PSE Controller with Internal Switch
logo
Maxim Integrated Produc...
MAX5980EVKIT MAXIM-MAX5980EVKIT Datasheet
1Mb / 28P
   IEEE 802.3af/at-Compliant PSE Circuit
Rev 0; 8/12
MAX5971BEVKIT MAXIM-MAX5971BEVKIT Datasheet
2Mb / 22P
   IEEE 802.3af/at-Compliant PSE Circuit
2011
logo
Kinetic Technologies.
KTA1136 KINETIC-KTA1136 Datasheet
1Mb / 22P
   IEEE 802.3af PoE PD with Integrated DC-DC Controller and 13W Power FET
January 2021 - Revision 04a
logo
Maxim Integrated Produc...
MAX5971B MAXIM-MAX5971B_V01 Datasheet
1Mb / 46P
   Single-Port, 40W, IEEE 802.3af/at, PSE Controller with I2C
2016
logo
ON Semiconductor
NCP1090DBRG ONSEMI-NCP1090DBRG Datasheet
176Kb / 12P
   Integrated IEEE 802.3af PoE-PD Interface Controller
February, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22