データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

KZ2D470MS データシート(PDF) 1 Page - DB Lectro Inc

部品番号. KZ2D470MS
部品情報  CHIP TYPE, EXTRA LOW IMPEDANCE
ダウンロード  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  DBLECTRO [DB Lectro Inc]
ホームページ  http://www.dblectro.com
Logo 

KZ2D470MS Datasheet(HTML) 1 Page - DB Lectro Inc

 
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
KZ Series
SPECIFICATIONS
Characteristics
Operation Temperature Range
-55 ~ +105°C
Rated Working Voltage
6.3 ~ 50V
Capacitance Tolerance
±20% at 120Hz, 20°C
I 0.01CV or 3 A whichever is greater (after 2 minutes)
Leakage Current
I: Leakage current ( A)
C: Normal capacitance ( F)
V: Rated voltage (V)
Measurement frequency: 120Hz, Temperature: 20°C
WV
6.3
10162535
50
tan
0.22
0.20
0.16
0.14
0.12
0.12
Dissipation Factor max.
Rated voltage (V)
6.3
10
16
25
35
50
Z(-25°C) / Z(20°C)
3
22222
Impedance ratio
ZT/Z20 (max.)
Z(-40°C) / Z(20°C)
5
44333
Capacitance Change
Within 25% of initial value
Dissipation Factor
200% or less of initial specified value
Leakage Current
Initial specified value or less
Shelf Life (at 105°C)
After leaving capacitors under no load at 105°C for 1000 hours, they meet the specified value
for load life characteristics listed above.
Capacitance Change
Within 10% of initial value
Dissipation Factor
Initial specified value or less
Leakage Current
Initial specified value or less
Resistance to Soldering Heat
Reference Standard
JIS C-5141 and JIS C-5102
Negative
0.5~0.8
0.3max.
Positive
C 0.2
L
+0.1
-0.2
*L 0.3 (Applicable to 6.3 x 7.7)
DRAWING (Unit: mm)
DIMENSIONS (Unit: mm)
D x L
4 x 5.4
5 x 5.4
6.3 x 5.4
6.3 x 7.7
8 x 10.5
10 x 10.5
A
1.8
2.1
2.4
2.4
2.9
3.2
B
4.3
5.3
6.6
6.6
8.3
10.3
C
4.3
5.3
6.6
6.6
8.3
10.3
E
1.0
1.3
2.2
2.2
3.1
4.5
L
5.4
5.4
5.4
7.7
10.5
10.5
(
4 ∼ 6.3)
Plastic platform
Negative
0.8 ~ 1.1
Plastic platform
0.3max.
Positive
C 0.2
L 0.5
(
8, 10)
Low Temperature Characteristics
(Measurement frequency: 120Hz)
*Voltage mark for 6.3V is [6V]
CHIP TYPE,
EXTRA LOW IMPEDANCE
Extra low impedance, temperature range up to +105 C
Impedance 40 ~ 60% less than LZ series
Items
Load Life
(After 2000 hours (1000 hours for 4,
5, 6.3x5.4) application of the rated
voltage at 105°C, capacitors meet the
characteristics requirements listed.)
Comply with the RoHS directive (2002/95/EC)
After reflow soldering according to Reflow Soldering Condition (see page 8) and restored at
room temperature,
they meet the characteristics requirements listed as below.
DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com


Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
CC1000Single Chip Very Low Power RF Transceiver 1 2 3 4 5 MoreTexas Instruments
MT5C1008LL128K x 8 SRAM WITH DUAL CHIP ENABLE ULTRA LOW POWER 1 2 3 4 5 MoreAustin Semiconductor
LC0805L103MLow Pass Filter Leadless Surface Mount Chip Inductor/Capacitors 1 2 3 4 5 MoreBi technologies
MPC940LLOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP 1 2 3 4 5 MoreIntegrated Device Technology
CDVZVZEC SMD 105°C 2.000-3.000h Lifetime Low Impedance ESR SMD 1 2 3 Jianghai Europe GmbH
PQ1KXX3M2ZPLow Output Current Compact Surface Mount Type Low Power-Loss Voltage Regulators 1 2 3 4 5 Sharp Electrionic Components
PQ070XF01SZHTO-220 Type Low Voltage Operation Low Power-Loss Voltage Regulators 1 2 3 4 Sharp Electrionic Components
PQXXXENA1ZPHLow Voltage Operation Compact Surface Mount type Low Power-Loss Voltage Regulators 1 2 3 4 5 MoreSharp Electrionic Components
SVC386Diffused Junction Type Silicon Composite Varactor AM Low Voltage Electronic Tuning Applications 1 2 3 Sanyo Semicon Device
CC1021Single Chip Low Power RF Transceiver for Narrowband Systems 1 2 3 4 5 MoreTexas Instruments

リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn