データシートサーチシステム |
|
TMP86P807MG データシート(PDF) 11 Page - Toshiba Semiconductor |
|
TMP86P807MG データシート(HTML) 11 Page - Toshiba Semiconductor |
11 / 160 page Page 1 060116EBP TMP86P807MG CMOS 8-Bit Microcontroller • The information contained herein is subject to change without notice. 021023_D • TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the “Handling Guide for Semiconductor Devices,” or “TOSHIBA Semiconductor Reliability Handbook” etc. 021023_A • The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equip- ment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunctionor failure of which may cause loss of human life or bodily injury (“Unintended Usage”). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instru- ments, all types of safety devices, etc. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. 021023_B • The products described in this document shall not be used or embedded to any downstream products of which manufacture, use and/or sale are prohibited under any applicable laws and regulations. 060106_Q • The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by impli- cation or otherwise under any patent or patent rights of TOSHIBA or others. 021023_C • The products described in this document are subject to the foreign exchange and foreign trade laws. 021023_E • For a discussion of how the reliability of microcontrollers can be predicted, please refer to Section 1.3 of the chapter entitled Quality and Reliability Assurance/Handling Precautions. 030619_S TMP86P807MG The TMP86P807MG is a single-chip 8-bit high-speed and high-functionality microcomputer incorporating 8192 bytes of One-Time PROM. It is pin-compatible with the TMP86C807MG/TMP86C407MG (Mask ROM version). The TMP86P807MG can realize operations equivalent to those of the TMP86C807MG/TMP86C407MG by pro- gramming the on-chip PROM. 1.1 Features 1. 8-bit single chip microcomputer TLCS-870/C series - Instruction execution time : 0.25 µs (at 16 MHz) 122 µs (at 32.768 kHz) - 132 types & 731 basic instructions 2. 17interrupt sources (External : 5 Internal : 12) 3. Input / Output ports (22 pins) Large current output: 8pins (Typ. 20mA), LED direct drive 4. Prescaler - Time base timer - Divider output function 5. Watchdog Timer 6. 16-bit timer counter: 1 ch - Timer, External trigger, Window, Pulse width measurement, Event counter, Programmable pulse generate (PPG) modes 7. 8-bit timer counter : 2 ch - Timer, Event counter, Programmable divider output (PDO), Product No. ROM (EPROM) RAM Package MaskROM MCU Emulation Chip TMP86P807MG 8192 bytes 256 bytes SOP28-P-450-1.27B TMP86C807MG/ TMP86C407MG TMP86C908XB |
同様の部品番号 - TMP86P807MG |
|
同様の説明 - TMP86P807MG |