データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SJ610 データシート(PDF) 1 Page - Toshiba Semiconductor

部品番号 2SJ610
部品情報  Silicon P-Channel MOS Type Switching Regulator, DC/DC Converter and Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SJ610 データシート(HTML) 1 Page - Toshiba Semiconductor

  2SJ610_06 Datasheet HTML 1Page - Toshiba Semiconductor 2SJ610_06 Datasheet HTML 2Page - Toshiba Semiconductor 2SJ610_06 Datasheet HTML 3Page - Toshiba Semiconductor 2SJ610_06 Datasheet HTML 4Page - Toshiba Semiconductor 2SJ610_06 Datasheet HTML 5Page - Toshiba Semiconductor 2SJ610_06 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2SJ610
2006-11-16
1
TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (π-MOSV)
2SJ610
Switching Regulator, DC/DC Converter and
Motor Drive Applications
• Low drain-source ON-resistance: RDS (ON) = 1.85 Ω (typ.)
• High forward transfer admittance: |Yfs| = 18 S (typ.)
• Low leakage current: IDSS = −100 μA (VDS = −250 V)
• Enhancement mode: Vth = −1.5~−3.5 V (VDS = 10 V, ID = 1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Drain-source voltage
VDSS
−250
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
−250
V
Gate-source voltage
VGSS
±20
V
DC
(Note 1)
ID
−2.0
Drain current
Pulse (t
= 1 ms)
(Note 1)
IDP
−4.0
A
Drain power dissipation
PD
20
W
Single-pulse avalanche energy
(Note 2)
EAS
180
mJ
Avalanche current
IAR
−2.0
A
Repetitive avalanche energy (Note 3)
EAR
2.0
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in temperature,
etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage,
etc.) are within the absolute maximum ratings. Please design the
appropriate reliability upon reviewing the Toshiba Semiconductor
Reliability Handbook (“Handling Precautions”/Derating Concept and
Methods) and individual reliability data (i.e. reliability test report and
estimated failure rate, etc).
Thermal Characteristics
Characteristic
Symbol
Max
Unit
Thermal resistance, channel to case
Rth (ch-c)
6.25
°C/W
Thermal resistance, channel to ambient
Rth (ch-a)
125
°C/W
Note 1: Ensure that the channel temperature does not exceed 150°C.
Note 2: VDD = −50 V, Tch = 25°C (initial), L = 75 mH, IAR = −2.0 A,
RG = 25 Ω
Note 3: Repetitive rating: pulse width limited by maximum channel temperature
This transistor is an electrostatic-sensitive device. Handle with care.
Unit: mm
JEDEC
JEITA
SC-64
TOSHIBA
2-7B1B
Weight: 0.36 g (typ.)
JEDEC
JEITA
TOSHIBA
2-7J1B
Weight: 0.36 g (typ.)


同様の部品番号 - 2SJ610_06

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
2SJ610 TOSHIBA-2SJ610_09 Datasheet
190Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type
More results

同様の説明 - 2SJ610_06

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
2SJ676 TOSHIBA-2SJ676 Datasheet
148Kb / 3P
   Silicon P-Channel MOS Type Switching Regulator, DC/DC Converter and Motor Drive Applications
2SJ680 TOSHIBA-2SJ680_06 Datasheet
189Kb / 6P
   Silicon P-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK3398 TOSHIBA-2SK3398_06 Datasheet
190Kb / 6P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK2613 TOSHIBA-2SK2613_06 Datasheet
210Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3342 TOSHIBA-2SK3342_07 Datasheet
249Kb / 6P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK3845 TOSHIBA-2SK3845 Datasheet
231Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter Applications and Motor Drive Applications
2SK3842 TOSHIBA-2SK3842 Datasheet
216Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3373 TOSHIBA-2SK3373_06 Datasheet
177Kb / 6P
   Silicon N-Channel MOS Type Switching Regulator and DC/DC Converter Applications Motor Drive Applications
2SK3236 TOSHIBA-2SK3236_06 Datasheet
187Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3388 TOSHIBA-2SK3388_06 Datasheet
188Kb / 6P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com