データシートサーチシステム |
|
SS2E221KT データシート(PDF) 1 Page - DB Lectro Inc |
|
SS2E221KT データシート(HTML) 1 Page - DB Lectro Inc |
1 / 2 page FEATURES ◆ 7mm height to meet the requirement of smaller, thinner electronic products ◆ Applications for VTR, calculators, micro video and audio products, etc. OUTLINE mm D 4 5 6.3 8 F 1.5 2.0 2.5 3.5 d SPECIFICATIONS 0.45 0.50 2 50 63 2 35 50 63 0.12 4333 4 432 10 16 25 0.24 6.3 0.20 0.16 0.14 813 20 4 5 Leakage Current (25°C) 44 63 79 (After 2 minutes applying the Dc working voltage) I ≤ 0.01CV or 3 (u A) 6.3 W.V. S.V. ◆ I : Leakage Current (u A) Items Operation Temperature Rated Working Voltage Range 4 ~ 63Vdc Capacitance Tolerance -40°C ~ +85°C (120Hz, 25°C) ± 20% (M) Characteristics ≤ 200% of initial specified value After 500 hours, no voltage applied at + 85°C, the capacitor shall meet the following limits: Capacitance Change ≤ ± 20% of initial value tan δ ≤ 200% of initial specified value ≤ initial specified value 6.3 ◆ C : Rated Capacitance (u F) ◆ V : Working Voltage (V) 10 16 25 35 50 63 After 1000 hours application of WV at +85°C, the capacitor shall meet the following limits: ≤ ± 20% of initial value ≤ 200% of initial specified value 10 16 25 35 22 6 4 0.35 Surge Voltage (25°C) Temperature Characteristics ◆ Impedance ratio at 120Hz Dissipation Factor (120Hz, 25°C) 8 32 0.10 0.10 W.V. tan δ W.V. - 25°C / + 25°C 4 Shelf Test 7 15 - 40°C / + 25°C Leakage Current Capacitance Change tan δ Leakage Current Load Test RoHS Compliant ALUMINIUM ELECTROLYTIC CAPACITOR SS Series DB LECTRO Inc. 3755 Place Java, Suite 140, Brossard, Québec, J4Y 0E4, Canada - T: 1-450-444-1424 / F: 1-450-444-4714 / www.dblectro.com |
同様の部品番号 - SS2E221KT |
|
同様の説明 - SS2E221KT |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |