データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SK3130 データシート(PDF) 2 Page - Toshiba Semiconductor

部品番号 2SK3130
部品情報  Silicon N Channel MOS Type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3130 データシート(HTML) 2 Page - Toshiba Semiconductor

  2SK3130_06 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3130_06 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3130_06 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3130_06 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3130_06 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3130_06 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SK3130
2006-11-08
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±25 V, VDS = 0 V
±10
μA
Gate-source breakdown voltage
V (BR) GSS
IG = ±100 μA, VDS = 0 V
±30
V
Drain cut-OFF current
IDSS
VDS = 600 V, VGS = 0 V
100
μA
Drain-source breakdown voltage
V (BR) DSS
ID = 10 mA, VGS = 0 V
600
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
2.0
4.0
V
Drain-source ON resistance
RDS (ON)
VGS = 10 V, ID = 3 A
1.12
1.55
Ω
Forward transfer admittance
⎪Yfs
VDS = 10 V, ID = 3 A
1.5
5.0
S
Input capacitance
Ciss
1300
Reverse transfer capacitance
Crss
130
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
400
pF
Rise time
tr
25
Turn-ON time
ton
45
Fall time
tf
40
Switching time
Turn-OFF time
toff
150
ns
Total gate charge
(gate-source plus gate-drain)
Qg
30
Gate-source charge
Qgs
18
Gate-drain (“miller”) charge
Qgd
VDD ∼− 400 V, VGS = 10 V, ID = 6 A
12
nC
Source-Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current (Note 1)
IDR
6
A
Pulse drain reverse current
(Note 1)
IDRP
24
A
Forward voltage (diode)
VDSF
IDR = 6 A, VGS = 0 V
−1.7
V
Reverse recovery time
trr
85
ns
Reverse recovery charge
Qrr
IDR = 6 A, VGS = 0 V,
dIDR/dt = 100 A/μs
0.21
μC
Marking
Duty <= 1%, tw = 10 μs
0 V
10 V
VGS
RL = 100 Ω
VDD ∼− 300 V
ID = 3 A
VOUT
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
K3130
Part No. (or abbreviation code)


同様の部品番号 - 2SK3130_06

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
2SK3130 TOSHIBA-2SK3130_09 Datasheet
186Kb / 6P
   Switching Regulator Applications
More results

同様の説明 - 2SK3130_06

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
2SK2237 TOSHIBA-2SK2237 Datasheet
559Kb / 6P
   SILICON N CHANNEL MOS TYPE
2SK2150 TOSHIBA-2SK2150 Datasheet
486Kb / 5P
   SILICON N CHANNEL MOS TYPE
logo
Hi-Sincerity Mocroelect...
HSK1118 HSMC-HSK1118 Datasheet
61Kb / 5P
   Silicon N Channel MOS Type
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com