データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SK3205 データシート(PDF) 2 Page - Toshiba Semiconductor

部品番号 2SK3205
部品情報  Silicon N Channel MOS Type Switching Regulator Applications DC−DC Converter, and Motor Drive Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3205 データシート(HTML) 2 Page - Toshiba Semiconductor

  2SK3205_06 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3205_06 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3205_06 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SK3205
2006-11-20
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±16 V, VDS = 0 V
±10
μA
Drain cut−off current
IDSS
VDS = 150 V, VGS = 0 V
100
μA
Drain−source breakdown voltage
V (BR) DSS
ID = 10 mA, VGS = 0 V
150
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
0.8
2.0
V
RDS (ON)
VGS = 4 V, ID = 2.5 A
0.54
0.75
Drain−source ON resistance
RDS (ON)
VGS = 10 V, ID = 2.5 A
0.36
0.5
Forward transfer admittance
|Yfs|
VDS = 10 V, ID = 2.5 A
2.0
4.5
S
Input capacitance
Ciss
330
Reverse transfer capacitance
Crss
50
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
145
pF
Rise time
tr
10
Turn−on time
ton
15
Fall time
tf
10
Switching time
Turn−off time
toff
60
ns
Total gate charge (Gate−source
plus gate−drain)
Qg
12
Gate−source charge
Qgs
8
Gate−drain (“miller”) charge
Qgd
VDD ≈ 120 V, VGS = 10 V, ID = 5 A
4
nC
Source−Drain Ratings and Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current
(Note 1)
IDR
5
A
Pulse drain reverse current
(Note 1)
IDRP
20
A
Forward voltage (diode)
VDSF
IDR = 5 A, VGS = 0 V
−1.7
V
Reverse recovery time
trr
110
ns
Reverse recovery charge
Qrr
IDR = 5 A, VGS = 0 V, dIDR / dt = 100 A / μs
0.47
nC
Marking
K3205
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
Part No. (or abbreviation code)


同様の部品番号 - 2SK3205_06

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
2SK3205 TOSHIBA-2SK3205 Datasheet
133Kb / 3P
   Switching Regulator Applications DC?묭C Converter
2SK3205 TOSHIBA-2SK3205 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
2SK3205 VBSEMI-2SK3205 Datasheet
1,009Kb / 7P
   N-Channel 200 V (D-S) MOSFET
logo
Inchange Semiconductor ...
2SK3205 ISC-2SK3205 Datasheet
398Kb / 2P
   isc N-Channel MOSFET Transistor
More results

同様の説明 - 2SK3205_06

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
2SK2382 TOSHIBA-2SK2382_06 Datasheet
727Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC−DC Converter and Motor Drive Applications
2SK2350 TOSHIBA-2SK2350_06 Datasheet
730Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC−DC Converter and Motor Drive Applications
2SK2965 TOSHIBA-2SK2965_06 Datasheet
213Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC−DC Converter and Motor Drive Applications
2SK3314 TOSHIBA-2SK3314_06 Datasheet
709Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator and DC−DC Converter Applications Motor Drive Applications
2SK2398 TOSHIBA-2SK2398_06 Datasheet
759Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter and Motor Drive Applications
2SK2717 TOSHIBA-2SK2717_06 Datasheet
706Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter and Motor Drive Applications
2SK2718 TOSHIBA-2SK2718_06 Datasheet
759Kb / 6P
   Silicon N Channel MOS Type DC−DC Converter and Motor Drive Applications
2SK2613 TOSHIBA-2SK2613_06 Datasheet
210Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3342 TOSHIBA-2SK3342_07 Datasheet
249Kb / 6P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK3845 TOSHIBA-2SK3845 Datasheet
231Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter Applications and Motor Drive Applications
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com