データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SK3302 データシート(PDF) 4 Page - Toshiba Semiconductor

部品番号 2SK3302
部品情報  Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3302 データシート(HTML) 4 Page - Toshiba Semiconductor

  2SK3302_06 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3302_06 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3302_06 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3302_06 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3302_06 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3302_06 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SK3302
2006-11-06
4
Ambient temperature Ta (°C)
RDS (ON) – Ta
Drain-source voltage VDS (V)
IDR – VDS
Drain-source voltage VDS (V)
Capacitance – VDS
Ambient temperature Ta (°C)
Vth – Ta
Ambient temperature Ta (°C)
PD – Ta
Total gate charge Qg (nC)
Dynamic input/output characteristics
24
0
−80
−40
120
160
40
8
16
40
32
0
80
Common source
VGS = 10 V
Pulse test
ID = 0.1 A
0.25
0.5
0.01
0
0.2
0.4
0.6
0.8
1.0
1.2
1
0.1
Common source
Tc
= 25°C
Pulse test
0.03
0.05
0.3
0.5
VGS = 0, −1 V
3
1
10
0.1
1
10
100
1
10
100
0.3 0.5
3
5
30 50
3
5
30
50
300
Common source
VGS = 0 V
f
= 1 MHz
Ta
= 25°C
Ciss
Coss
Crss
0
1
2
3
5
−80
−40
0
40
80
120
160
4
Common source
VDS = 10 V
ID = 1 mA
Pulse test
0
0
40
80
120
160
200
0.4
0.8
1.2
1.6
0
2
8
10
4
4
8
12
16
20
0
100
200
300
400
500
6
Common source
ID = 0.5 A
Ta
= 25°C
Pulse test
VDD = 100 V
200
VDS
VGS
0
400


同様の部品番号 - 2SK3302_06

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
2SK3302 TOSHIBA-2SK3302 Datasheet
221Kb / 6P
   Switching Regulator, DC-DC Converter Applications
2SK3302 TOSHIBA-2SK3302 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

同様の説明 - 2SK3302_06

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
2SK3471 TOSHIBA-2SK3471_06 Datasheet
154Kb / 3P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications
2SK3499 TOSHIBA-2SK3499_06 Datasheet
190Kb / 6P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications
2SK3445 TOSHIBA-2SK3445_06 Datasheet
187Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter Applications
2SK3440 TOSHIBA-2SK3440_06 Datasheet
187Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter Applications
2SK3444 TOSHIBA-2SK3444_06 Datasheet
188Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter Applications
2SK3844 TOSHIBA-2SK3844 Datasheet
227Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter Applications
2SK2613 TOSHIBA-2SK2613_06 Datasheet
210Kb / 6P
   Silicon N Channel MOS Type Switching Regulator Applications, DC-DC Converter and Motor Drive Applications
2SK3342 TOSHIBA-2SK3342_07 Datasheet
249Kb / 6P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK3845 TOSHIBA-2SK3845 Datasheet
231Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter Applications and Motor Drive Applications
2SJ620 TOSHIBA-2SJ620_06 Datasheet
191Kb / 6P
   Silicon P Channel MOS Type Switching Regulator and DC-DC Converter Applications
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com