データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

S-AU83AH データシート(PDF) 5 Page - Toshiba Semiconductor

部品番号 S-AU83AH
部品情報  RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 32-W COMMERCIAL UHF RADIO APPLICATIONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

S-AU83AH データシート(HTML) 5 Page - Toshiba Semiconductor

  S-AU83AH Datasheet HTML 1Page - Toshiba Semiconductor S-AU83AH Datasheet HTML 2Page - Toshiba Semiconductor S-AU83AH Datasheet HTML 3Page - Toshiba Semiconductor S-AU83AH Datasheet HTML 4Page - Toshiba Semiconductor S-AU83AH Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
S-AU83AH
2007-06-21
5
MARKING
Product Number (without A)
This dot indicates that the actual product name is “S-AU83AH.”
Alphanumeric characters: Date of manufacture
Dot: Indicates that this product is manufactured by “TOSHIBA
COMPONENTS.”
Explanation of Lot No.
Month of manufacture: January to December are denoted by letters A to L respectively.
Year of manufacture: Last decimal digit of the year of manufacture
RESTRICTIONS ON PRODUCT USE
20070701-EN
• The information contained herein is subject to change without notice.
• TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor
devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical
stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of
safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of
such TOSHIBA products could cause loss of human life, bodily injury or damage to property.
In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as
set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and
conditions set forth in the “Handling Guide for Semiconductor Devices,” or “TOSHIBA Semiconductor Reliability
Handbook” etc.
• The TOSHIBA products listed in this document are intended for usage in general electronics applications
(computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances,
etc.).These TOSHIBA products are neither intended nor warranted for usage in equipment that requires
extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or
bodily injury (“Unintended Usage”). Unintended Usage include atomic energy control instruments, airplane or
spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments,
medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in his
document shall be made at the customer’s own risk.
• The products described in this document shall not be used or embedded to any downstream products of which
manufacture, use and/or sale are prohibited under any applicable laws and regulations.
• The information contained herein is presented only as a guide for the applications of our products. No
responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which
may result from its use. No license is granted by implication or otherwise under any patents or other rights of
TOSHIBA or the third parties.
• Please contact your sales representative for product-by-product details in this document regarding RoHS
compatibility. Please use these products in this document in compliance with all applicable laws and regulations
that regulate the inclusion or use of controlled substances. Toshiba assumes no liability for damage or losses
occurring as a result of noncompliance with applicable laws and regulations.
S-AU83H
JAPAN
TOSHIBA


同様の部品番号 - S-AU83AH

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
S-AU83AL TOSHIBA-S-AU83AL Datasheet
186Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 32-W COMMERCIAL UHF RADIO APPLICATIONS
More results

同様の説明 - S-AU83AH

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
S-AU83AL TOSHIBA-S-AU83AL Datasheet
186Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 32-W COMMERCIAL UHF RADIO APPLICATIONS
S-AU93A TOSHIBA-S-AU93A Datasheet
186Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 60-W COMMERCIAL UHF RADIO APPLICATIONS
S-AU82AH TOSHIBA-S-AU82AH Datasheet
186Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 60-W COMMERCIAL UHF RADIO APPLICATIONS
S-AU82AL TOSHIBA-S-AU82AL Datasheet
186Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 60-W COMMERCIAL UHF RADIO APPLICATIONS
S-AU82AVL TOSHIBA-S-AU82AVL Datasheet
186Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 60-W COMMERCIAL UHF RADIO APPLICATIONS
S-AV35A TOSHIBA-S-AV35A Datasheet
179Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 32-W COMMERCIAL VHF RADIO APPLICATIONS
S-AV37A TOSHIBA-S-AV37A Datasheet
179Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 32-W COMMERCIAL VHF RADIO APPLICATIONS
S-AV32A TOSHIBA-S-AV32A Datasheet
186Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 60-W COMMERCIAL VHF RADIO APPLICATIONS
S-AV36A TOSHIBA-S-AV36A Datasheet
186Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 80-W COMMERCIAL VHF RADIO APPLICATIONS
S-AV33A TOSHIBA-S-AV33A Datasheet
185Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 32W COMMERCIAL VHF RADIO APPLICATIONS
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com