データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

S-AV34 データシート(PDF) 1 Page - Toshiba Semiconductor

部品番号 S-AV34
部品情報  RF POWER AMPLIFIER MODULE ?딹F POWER AMPLIFIER MODULE for VHF BAND
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

S-AV34 データシート(HTML) 1 Page - Toshiba Semiconductor

  S-AV34 Datasheet HTML 1Page - Toshiba Semiconductor S-AV34 Datasheet HTML 2Page - Toshiba Semiconductor S-AV34 Datasheet HTML 3Page - Toshiba Semiconductor S-AV34 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
S-AV34
2007-11-01
1
TOSHIBA RF POWER AMPLIFIER MODULE
S-AV34
RF POWER AMPLIFIER MODULE for VHF BAND
·
for digital use
ABSOLUTE MAXIMUM RATINGS (Tc = 25℃, ZG = ZL = 50Ω)
CHARACTERISTIC
SYMBOL
TEST CONDITION
RATING
UNIT
DC Supply Voltage
VDD
VGG =0V, Pi =0mW
20
V
DC Supply Voltage
VGG
VDD≦10.8V, Pi =0mW
8
V
Input Power
Pi
VDD≦10.8V
20
dBmW
Junction Temperature
Tj MAX
150
Storage Temperature Range
Tstg
-40~110
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Caution: This absolute maximum rating given in a sheet guarantees each item independently. When two items
or more of maximum rated items joins a device at once. It becomes the outside of a guarantee.
Please design in circuit to make it always operate within this regulation also on the worst condition.
PACKAGE OUTLINE
RF Input
VGG
VDD
RF Output ⑤ GROUND(FRANGE)
JEDEC
JEITA
TOSHIBA
5-32F
Weight: 11.8g
Unit in mm


同様の部品番号 - S-AV34

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
S-AV32A TOSHIBA-S-AV32A Datasheet
186Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 60-W COMMERCIAL VHF RADIO APPLICATIONS
S-AV33A TOSHIBA-S-AV33A Datasheet
185Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 32W COMMERCIAL VHF RADIO APPLICATIONS
S-AV35 TOSHIBA-S-AV35 Datasheet
165Kb / 5P
   FM RF POWER AMPLIFIER MODULE for VHF MARINE BAND
S-AV35A TOSHIBA-S-AV35A Datasheet
179Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 32-W COMMERCIAL VHF RADIO APPLICATIONS
S-AV36A TOSHIBA-S-AV36A Datasheet
186Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 80-W COMMERCIAL VHF RADIO APPLICATIONS
More results

同様の説明 - S-AV34

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
S-AV38 TOSHIBA-S-AV38 Datasheet
216Kb / 4P
   RF POWER AMPLIFIER MODULE ?딹F POWER AMPLIFIER MODULE for VHF BAND
S-AU86 TOSHIBA-S-AU86 Datasheet
251Kb / 4P
   RF POWER AMPLIFIER MODULE ?딹F POWER AMPLIFIER MODULE for 800MHz Digital MCA
S-AV35 TOSHIBA-S-AV35 Datasheet
165Kb / 5P
   FM RF POWER AMPLIFIER MODULE for VHF MARINE BAND
S-AV10L TOSHIBA-S-AV10L Datasheet
134Kb / 4P
   VHF RF Power Amplifier Module
S-AV5 TOSHIBA-S-AV5 Datasheet
121Kb / 3P
   RF POWER AMPLIFIER MODULE VHF POWER AMPLIFIER MODULE(HAM FM)
S-AV17 TOSHIBA-S-AV17 Datasheet
150Kb / 3P
   RF POWER AMPLIFIER MODULE(HAM, VHF 50W FM RF POWER AMPLIFIER MODULE)
logo
Hitachi Semiconductor
PF0310A HITACHI-PF0310A Datasheet
36Kb / 10P
   MOS FET Power Amplifier Module for VHF Band
PF0313 HITACHI-PF0313 Datasheet
57Kb / 16P
   MOS FET Power Amplifier Module for VHF Band
PF0311 HITACHI-PF0311 Datasheet
42Kb / 11P
   MOS FET Power Amplifier Module for VHF Band
logo
Toshiba Semiconductor
S-AV33A TOSHIBA-S-AV33A Datasheet
185Kb / 5P
   RF POWER AMPLIFIER MODULE FM RF POWER AMPLIFIER MODULE FOR 32W COMMERCIAL VHF RADIO APPLICATIONS
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com