データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

6N137 データシート(PDF) 3 Page - Toshiba Semiconductor

部品番号 6N137
部品情報  GaA?밃s Ired & Photo IC Degital Logic Isolation
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

6N137 データシート(HTML) 3 Page - Toshiba Semiconductor

  6N137_07 Datasheet HTML 1Page - Toshiba Semiconductor 6N137_07 Datasheet HTML 2Page - Toshiba Semiconductor 6N137_07 Datasheet HTML 3Page - Toshiba Semiconductor 6N137_07 Datasheet HTML 4Page - Toshiba Semiconductor 6N137_07 Datasheet HTML 5Page - Toshiba Semiconductor 6N137_07 Datasheet HTML 6Page - Toshiba Semiconductor 6N137_07 Datasheet HTML 7Page - Toshiba Semiconductor 6N137_07 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
6N137
2007-10-01
3
Electrical Characteristics
Over Recommended Temperature (Ta = 0~70°C unless otherwise noted)
Characteristic
Symbol
Test Condition
Min.
(**)Typ.
Max.
Unit
High level output current
IOH
VCC=5.5V, VO=5.5V
IF=250μA, VE = 2.0V
1
250
μA
Low level output voltage
VOL
VCC=5.5V, IF=5mA
VEH=2.0V
IOL(sinking)=13mA
0.4
0.6
V
High level enable current
IEH
VCC=5.5V, VE=2.0V
−1.0
mA
Low level enable current
IEL
VCC=5.5V, VE=0.5V
−1.6
−2.0
mA
High level supply current
ICCH
VCC=5.5V, IF=0, VE=0.5V
7
15
mA
Low level supply current
ICCL
VCC=5.5V, IF=10mA
VE=0.5V
12
18
mA
Resistance (input
−output)
(Note 3)
RI−O
VI−O=500V, Ta=25°C
R.H.≤60%
10
12
Ω
Capacitance (input
−output)
(Note 3)
CI−O
f=1MHz, Ta=25°C
0.6
pF
Input forward voltage
VF
IF=10mA, Ta=25°C
1.65
1.75
V
Input reverse breakdown
voltage
BVR
IR=10μA, Ta=25°C
5
V
Input capacitance
CIN
VF=0, f=1MHz
45
pF
Current transfer ratio
CTR
IF=5.0mA, RL=100Ω
1000
%
(**) All typical values are at VCC=5V, Ta=25°C
(Note 3) Pins 1, 2, 3 and 4 shorted together and pins 5, 6, 7 and 8 shorted together.


同様の部品番号 - 6N137_07

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
6N137-000E AVAGO-6N137-000E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
6N137-020E AVAGO-6N137-020E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
6N137-060E AVAGO-6N137-060E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
logo
Fairchild Semiconductor
6N137 FAIRCHILD-6N137_06 Datasheet
598Kb / 12P
   High Speed-10 MBit/s Logic Gate Optocouplers
6N137 FAIRCHILD-6N137_08 Datasheet
322Kb / 12P
   High Speed 10MBit/s Logic Gate Optocouplers
More results

同様の説明 - 6N137_07

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
6N135 TOSHIBA-6N135_07 Datasheet
195Kb / 8P
   GaA?밃s Ired & Photo IC Digital Logic Isolation.
TLP351 TOSHIBA-TLP351_07 Datasheet
222Kb / 8P
   GaA?밃s IRED Photo IC
TLP751 TOSHIBA-TLP751_07 Datasheet
499Kb / 7P
   GaA?밃s Ired Photo IC
TLP250 TOSHIBA-TLP250_07 Datasheet
195Kb / 7P
   GaA?밃s Ired & Photo-IC
TLP350 TOSHIBA-TLP350_07 Datasheet
274Kb / 9P
   GaA?밃s IRED Photo IC
TLP350F TOSHIBA-TLP350F Datasheet
150Kb / 2P
   GaA?밃s IRED Photo IC
TLP251 TOSHIBA-TLP251_07 Datasheet
210Kb / 7P
   GaA?밃s Ired & Photo-IC
TLP351F TOSHIBA-TLP351F Datasheet
115Kb / 2P
   GaA?밃s IRED Photo IC
TLP108 TOSHIBA-TLP108 Datasheet
271Kb / 6P
   PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP2451 TOSHIBA-TLP2451 Datasheet
283Kb / 11P
   Photocoupler GaA?밃s IRED Photo IC
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com