データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SIW1721BFIGSB データシート(PDF) 11 Page - RF Micro Devices

部品番号 SIW1721BFIGSB
部品情報  BLUETOOTH짰 RADIO MODEM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  RFMD [RF Micro Devices]
ホームページ  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SIW1721BFIGSB データシート(HTML) 11 Page - RF Micro Devices

Back Button SIW1721BFIGSB Datasheet HTML 4Page - RF Micro Devices SIW1721BFIGSB Datasheet HTML 5Page - RF Micro Devices SIW1721BFIGSB Datasheet HTML 6Page - RF Micro Devices SIW1721BFIGSB Datasheet HTML 7Page - RF Micro Devices SIW1721BFIGSB Datasheet HTML 8Page - RF Micro Devices SIW1721BFIGSB Datasheet HTML 9Page - RF Micro Devices SIW1721BFIGSB Datasheet HTML 10Page - RF Micro Devices SIW1721BFIGSB Datasheet HTML 11Page - RF Micro Devices SIW1721BFIGSB Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11 of 12
SiW1721B
60 0076 R00F SiW1721B Radio Modem IC DS
Carriers
Tape and Reel
SiW1721BFIG, 5 X 5 mm, 32-Pin QFN, Tape and Reel Details
Carrier tape basic dimensions are based on EIA 481. The pocket is designed to hold the part for shipping and loading onto
SMT manufacturing equipment, while protecting the body and the solder terminals from damaging stresses. The individual
pocket design can vary from vendor to vendor, but width and pitch will be consistent.
Carrier tape is wound or placed onto a shipping reel either 330 mm (13 inches) in diameter or 178 mm (7 inches) in
diameter. The center hub design is large enough to ensure the radius formed by the carrier tape around it does not put
unnecessary stress on the parts.
Prior to shipping, moisture sensitive parts (MSL level 2a-5a) are baked and placed into the pockets of the carrier tape. A
cover tape is sealed over the top of the entire length of the carrier tape. The reel is sealed in a moisture barrier ESD bag,
which is placed in a cardboard shipping box. It is important to note that unused moisture sensitive parts need to be
resealed in the moisture barrier bag. If the reels exceed the exposure limit and need to be baked, most carrier tape and
shipping reels are not rated as bakeable at 125°C. If baking is required, devices may be baked according to section 4,
table 4-1, column 8, of the Joint Industry Standard IPC/JEDEC J-STD-033A.
The following tables provide useful information for carrier tape and reels used for shipping the devices described in this
document.
RFMD Part Number
Reel
Diameter
Inch (mm)
Hub
Diameter
Inch (mm)
Width (mm)
Pocket Pitch
(mm)
Feed
Units
SiW1721BFIG-TR13
13 (330)
4 (102)
12
8
Single
2500/reel
SiW1721BFIGSR
7 (178)
2.4 (61)
12
8
Single
100/reel
Peel Test
Peel Angle
Cover Tape
Leader
Trailer
Peel Speed
10–50 grams
165-180
º
RS Standard
(anti-static)
500 mm
(minimum 400 mm)
250 mm
(minimum 160 mm)
300 mm/minute
W
P
F
Ko
Bo
Ao
Ao = 5.30 ±.10
Bo = 5.30 ±.10
F = 5.50 ±.05
Ko = 1.83 ±.10
P = 8.00 ±.10
W = 12.00 +.30/-.10
Notes:
1. All dimensions are in millimeters (mm).
2. Unless otherwise specified, all dimension tolerances per EIA-481.
4.00 ±.10
2.00 ±.05
15-inch Trailer
Top View
15-inch Leader
Ø1.50±.10
1.75 ±.10
0.330±.020
Direction of Feed
Pin 1
Location
Part Number
YYWW
Trace Code
Part Number
YYWW
Trace Code
Part Number
YYWW
Trace Code
Part Number
YYWW
Trace Code
Part Number
YYWW
Trace Code
Sprocket holes toward
rear of reel


同様の部品番号 - SIW1721BFIGSB

メーカー部品番号データシート部品情報
logo
RF Micro Devices
SIW1711 RFMD-SIW1711 Datasheet
292Kb / 10P
   BLUETOOTH RADIO MODEM
SIW1711DIF-B RFMD-SIW1711DIF-B Datasheet
292Kb / 10P
   BLUETOOTH RADIO MODEM
SIW1711DIF-T13 RFMD-SIW1711DIF-T13 Datasheet
292Kb / 10P
   BLUETOOTH RADIO MODEM
SIW1711FIF RFMD-SIW1711FIF Datasheet
292Kb / 10P
   BLUETOOTH RADIO MODEM
SIW1711FIF-T13 RFMD-SIW1711FIF-T13 Datasheet
292Kb / 10P
   BLUETOOTH RADIO MODEM
More results

同様の説明 - SIW1721BFIGSB

メーカー部品番号データシート部品情報
logo
rfsolutions.ltd
232C-868FR1 RFSOLUTIONS-232C-868FR1 Datasheet
227Kb / 12P
   RS232 RADIO MODEM
logo
RF Micro Devices
SIW1711 RFMD-SIW1711 Datasheet
292Kb / 10P
   BLUETOOTH RADIO MODEM
logo
rfsolutions.ltd
ZULU-M868 RFSOLUTIONS-ZULU-M868 Datasheet
3Mb / 16P
   Radio MODEM Module
DS-ZULUM RFSOLUTIONS-DS-ZULUM Datasheet
3Mb / 12P
   Radio MODEM Module
logo
SHENZHEN KYL COMMUNICAT...
KYL-668H KYL-KYL-668H Datasheet
1Mb / 4P
   25W Radio Modem
logo
rfsolutions.ltd
X8200 RFSOLUTIONS-X8200 Datasheet
518Kb / 19P
   Synthesised Radio Modem
logo
Radiometrix Ltd
RPM3 RADIOMETRIX-RPM3 Datasheet
736Kb / 15P
   UHF Radio Packet Modem
RPM1 RADIOMETRIX-RPM1 Datasheet
640Kb / 15P
   VHF Radio Packet Modem
RPM3B RADIOMETRIX-RPM3B Datasheet
1,002Kb / 15P
   UHF Radio Packet Modem
logo
SHENZHEN KYL COMMUNICAT...
KYL-600H KYL-KYL-600H Datasheet
49Kb / 3P
   High Performance Radio Modem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com