データシートサーチシステム |
|
TMP86C829BUG データシート(PDF) 3 Page - Toshiba Semiconductor |
|
TMP86C829BUG データシート(HTML) 3 Page - Toshiba Semiconductor |
3 / 196 page Page 3 TMP86C829BUG The Functional Differences on Products basis: TMP86CM29L, TMP86Cx29B, TMP86CH21 and TMP86Cx20 Note 1: UART and SIO can not use function synchronously because each function pins are shared. Note 2: With TMP86CH21AUG the operating temperature (Topr) is -20 ℃ to 85 ℃ when the supply voltage VDD is less than 2.0V. Note 3: TMP86C820/420 don’t have the timer/counter-6 input/output and UART input/output. Note 4: The electrial characteristics of TMP86CM29LUG are different from that of TMP86C829/CH29/CM29B, TMP86CH21/ CH21A and TMP86C420/C820. For details, please refer to "Electrical Characteristics" in data sheet of TMP86CM29LUG. Note 5: The operating temperature (Topr) of AD characteristics of all products (TMP86C420/C820/CH21/CH21A/C829B/CH29B/ CM29B/CM29L) is -10 ℃ to 85 ℃ when the supply voltage VDD is less than 2.0V. For details, please refer to "AD Conver- sion Characteristics" in data sheet of each product. Note 6: The characteristic of power supply current differs in each product. For details, please refer to "Electirical Characteristics" in data sheet of each product. Products name TMP86CM29L TMP86C829B TMP86CH29B TMP86CM29B TMP86CH21 TMP86CH21A TMP86C420 TMP86C820 ROM 32 K bytes C829: 8K bytes CH29: 16K bytes CM29: 32K bytes 16K bytes C420: 4K bytes C820: 8K bytes RAM 1.5K bytes C829: 512bytes CH29: 1.5K bytes CM29: 1.5K bytes 512bytes 256bytes I/O port 39 pins Minumum command execution time 0.25 µsec at 16MHz Supply Voltage 1.8V to 3.6V at 8.0MHz/ 32.768kHz 2.7V to 3.6V at 16MHz/ 32.768kHz (Note4) 1.8V to 5.5V at 4.2MHz/32.768kHz 2.7V to 5.5V at 8.0MHz/32.768kHz 4.5V to 5.5V at 16MHz/32.768kHz 18-bit Timer counter 1ch (ECIN input is both edge or single edge) 1ch (ECIN input is single edge) 8-bit Timer counter 4ch 2ch Time base timer 1ch Watch dog timer 1ch UART/SIO 1ch (Note1) N.A. SIO N.A 1ch Key-on wakeup 4ch A/D converter 10-bit A/D: 8ch 8-bit A/D: 8ch LCD driver 32SEG x 4COM Operating Temperature -40 to 85 ℃ -40 to 85 ℃ (Note2) -40 to 85 ℃ Package(Body size) LQFP64(10x10mm) QFP64(14x14mm) LQFP64(10x10mm) Package (P-QFP64-1010-0.80C) N.A TMP86C829BFG TMP86CH29BFG TMP86CM29BFG TMP86CH21FG TMP86C420FG TMP86C820FG Package (P-LQFP64-1010-0.50E) N.A TMP86C829BUG TMP86CH29BUG TMP86CM29BUG TMP86CH21UG TMP86C420UG TMP86C820UG Package (P-LQFP64-1010-0.50D) TMP86CM29LUG N.A. TMP86CH21AUG N.A. |
同様の部品番号 - TMP86C829BUG |
|
同様の説明 - TMP86C829BUG |