データシートサーチシステム |
|
TLC0820ACNE4 データシート(PDF) 5 Page - Texas Instruments |
|
TLC0820ACNE4 データシート(HTML) 5 Page - Texas Instruments |
5 / 15 page TLC0820AC, TLC0820AI Advanced LinCMOS ™ HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES SLAS064A – SEPTEMBER 1986 – REVISED JUNE 1994 2–5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics at specified operating free-air temperature, VCC = 5 V (unless otherwise noted) PARAMETER TEST CONDITIONS TA† MIN TYP MAX UNIT V Hi h l l t t lt D0 –D7, INT, or VCC = 4.75 V, IOH = – 360 µA Full range 2.4 V VOH High-level output voltage D0 D7, INT, or OFLW VCC = 4.75 V, Full range 4.5 V CC , IOH = – 10 µA 25 °C 4.6 VOL Low level output voltage D0 – D7, OFLW, INT, VCC = 5.25 V, Full range 0.4 V VOL Low-level output voltage D0 D7, OFLW, INT, or WR/RDY CC , IOL = 1.6 mA 25 °C 0.34 V CS or RD Full range 0.005 1 WR/RDY Full range 3 IIH High-level input current WR/RDY VIH = 5 V 25 °C 0.1 0.3 µA MODE Full range 200 MODE 25 °C 50 170 IIL Low-level input current CS, WR/RDY, RD, or MODE VIL = 0 Full range – 0.005 –1 µA VO =5V Full range 3 IOZ Off-state (high-impedance-state) D0 D7 or WR/RDY VO = 5 V 25 °C 0.1 0.3 µA IOZ (g ) output current D0 – D7 or WR/RDY VO =0 Full range –3 µA VO = 0 25 °C – 0.1 – 0.3 CS at 5 V VI =5V Full range 3 II Analog input current CS at 5 V, VI = 5 V 25 °C 0.3 µA II Analog input current CS at 5 V VI =0 Full range –3 µA CS at 5 V, VI = 0 25 °C – 0.3 D0 – D7, OFLW, INT, VO =5V Full range 7 D0 D7, OFLW, INT, or WR/RDY VO = 5 V 25 °C 8.4 14 IOS Short circuit output current D0 D7 or OFLW Full range –6 mA IOS Short-circuit output current D0 – D7 or OFLW VO =0 25 °C – 7.2 –12 mA INT VO = 0 Full range – 4.5 INT 25 °C – 5.3 –9 R f Reference resistance Full range 1.25 6 k Ω Rref Reference resistance 25 °C 1.4 2.3 5.3 k Ω ICC Supply current CS, WR/RDY, and Full range 15 mA ICC Supply current CS, WR/RDY, and RD at 0 V 25 °C 7.5 13 mA Ci Input capacitance D0 – D7 Full range 5 pF Ci Input capacitance ANLG IN Full range 45 pF Co Output capacitance D0 – D7 Full range 5 pF † Full range is as specified in recommended operating conditions. |
同様の部品番号 - TLC0820ACNE4 |
|
同様の説明 - TLC0820ACNE4 |