データシートサーチシステム |
|
TC7SH126FE データシート(PDF) 3 Page - Toshiba Semiconductor |
|
TC7SH126FE データシート(HTML) 3 Page - Toshiba Semiconductor |
3 / 5 page TC7SH126FE 2004-05-12 3 AC Characteristics (input: tr = tf = 3 ns) Test Condition Ta = 25°C Ta = −40~85°C Characteristics Symbol Test Circuit VCC (V) CL (pF) Min Typ. Max Min Max Unit 15 ⎯ 5.6 8.0 1.0 9.5 3.3 ± 0.3 50 ⎯ 8.1 11.5 1.0 13.0 15 ⎯ 3.8 5.5 1.0 6.5 Propagation delay time tpLH tpHL ⎯ ⎯ 5.0 ± 0.5 50 ⎯ 5.3 7.5 1.0 8.5 ns 15 ⎯ 5.4 8.0 1.0 9.5 3.3 ± 0.3 50 ⎯ 7.9 11.5 1.0 13.0 15 ⎯ 3.6 5.1 1.0 6.0 3-state output enable time tpZL tpZH ⎯ ⎯ 5.0 ± 0.5 50 ⎯ 5.1 7.1 1.0 8.0 ns 3.3 ± 0.3 50 ⎯ 9.5 13.2 1.0 15.0 3-state output disable time tpLZ tpHZ ⎯ ⎯ 5.0 ± 0.5 50 ⎯ 6.1 8.8 1.0 10.0 ns Input capacitance CIN ⎯ ⎯ ⎯ 4 10 ⎯ 10 pF Output capacitance COUT ⎯ ⎯ ⎯ 6 ⎯ ⎯ ⎯ pF Power dissipation capacitance CPD ⎯ (Note) ⎯ 14 ⎯ ⎯ ⎯ pF Note: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation. ICC (opr) = CPD・VCC・fIN + ICC |
同様の部品番号 - TC7SH126FE |
|
同様の説明 - TC7SH126FE |