データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC7SZ04AFE データシート(PDF) 1 Page - Toshiba Semiconductor

部品番号 TC7SZ04AFE
部品情報  Inverter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SZ04AFE データシート(HTML) 1 Page - Toshiba Semiconductor

  TC7SZ04AFE_07 Datasheet HTML 1Page - Toshiba Semiconductor TC7SZ04AFE_07 Datasheet HTML 2Page - Toshiba Semiconductor TC7SZ04AFE_07 Datasheet HTML 3Page - Toshiba Semiconductor TC7SZ04AFE_07 Datasheet HTML 4Page - Toshiba Semiconductor TC7SZ04AFE_07 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TC7SZ04AFE
2007-11-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7SZ04AFE
Inverter
Features
• High output drive: ±24 mA (typ.)
@VCC = 3 V
• Super high speed operation: tPD 2.4 ns (typ.)
@VCC = 5 V, 50 pF
• Operation voltage range: VCC (opr) = 1.8~5.5 V
• Supply voltage data retention: VCC = 1.5~5.5 V
• Latch-up performance: ±500 mA
• ESD performance: Human body model > ±2000 V
Machine model > ±200 V
• Power down protection is provided on all inputs.
• Matches the performance of TC74LCX series when operated at 3.3 V VCC
• Input rise and fall time (tr, tf) (recommended operation condition)
@VCC = 1.8 V, 2.5 V ± 0.2 V: 0~20 ns/V
@VCC = 3.3 V ± 0.3 V: 0~10 ns/V
@VCC = 5.5 V ± 0.5 V: 0~5 ns/V
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Supply voltage range
VCC
−0.5~6
V
DC input voltage
VIN
−0.5~6
V
DC output voltage
VOUT
−0.5~VCC + 0.5
V
Input diode current
IIK
±20
mA
Output diode current
IOK
±20
mA
DC output current
IOUT
±50
mA
DC VCC/ground current
ICC
±50
mA
Power dissipation
PD
150
mW
Storage temperature
Tstg
−65~150
°C
Lead temperature (10 s)
TL
260
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Weight: 0.003 g (typ.)


同様の部品番号 - TC7SZ04AFE_07

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC7SZ04AFE TOSHIBA-TC7SZ04AFE Datasheet
150Kb / 4P
   INVERTER
More results

同様の説明 - TC7SZ04AFE_07

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
   Inverter
2004 Sep 21
logo
Sumida Corporation
CIUH7D45 SUMIDA-CIUH7D45 Datasheet
160Kb / 1P
   INVERTER
logo
Toshiba Semiconductor
TC7S04FTE85LF TOSHIBA-TC7S04FTE85LF Datasheet
183Kb / 7P
   Inverter
logo
Unisonic Technologies
U74AHCT3G04 UTC-U74AHCT3G04 Datasheet
193Kb / 5P
   INVERTER
logo
NXP Semiconductors
74HC3G04 NXP-74HC3G04 Datasheet
91Kb / 13P
   Inverter
Rev. 03-2 July 2008
logo
Toshiba Semiconductor
TC7SU04F TOSHIBA-TC7SU04F_01 Datasheet
225Kb / 6P
   INVERTER
TC7S04F TOSHIBA-TC7S04F_01 Datasheet
229Kb / 6P
   INVERTER
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
   INVERTER
logo
Renesas Technology Corp
RJP65D05DWA RENESAS-RJP65D05DWA Datasheet
157Kb / 4P
   Inverter
RJP65M04DWA RENESAS-RJP65M04DWA_15 Datasheet
147Kb / 4P
   Inverter
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com