データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC7WGU04FC データシート(PDF) 1 Page - Toshiba Semiconductor

部品番号 TC7WGU04FC
部品情報  CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter (Un-Buffer)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WGU04FC データシート(HTML) 1 Page - Toshiba Semiconductor

  TC7WGU04FC Datasheet HTML 1Page - Toshiba Semiconductor TC7WGU04FC Datasheet HTML 2Page - Toshiba Semiconductor TC7WGU04FC Datasheet HTML 3Page - Toshiba Semiconductor TC7WGU04FC Datasheet HTML 4Page - Toshiba Semiconductor TC7WGU04FC Datasheet HTML 5Page - Toshiba Semiconductor TC7WGU04FC Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TC7WGU04FC
2007-11-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7WGU04FC
Triple Inverter (Un-Buffer)
Features
• High-level output current:
IOH/IOL = ±8 mA (min)
at VCC = 3 V
• High-speed operation: tpd = 1.9 ns (typ.)
at VCC = 3.3 V,15pF
• Operating voltage range: VCC = 0.9~3.6 V
• 3.6-V tolerant inputs
Marking
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Value
Unit
Power supply voltage
VCC
−0.5~4.6
V
DC input voltage
VIN
−0.5~4.6
V
DC output voltage
VOUT
−0.5~VCC + 0.5
V
Input diode current
IIK
−20
mA
Output diode current
IOK
−20
(Note 1)
mA
DC output current
IOUT
±25
mA
DC VCC/GND current
ICC
±50
mA
Power dissipation
PD
150
(Note 2) mW
Storage temperature
Tstg
−65~150
°C
Note: Using continuously under heavy loads (e.g. the application of
high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the
Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/Derating Concept and Methods) and individual
reliability data (i.e. reliability test report and estimated failure
rate, etc).
Note 1: VOUT < GND, VOUT > VCC
Note 2: Mounted on an FR4 board.
(25.4 mm
× 25.4 mm × 1.6 t, Cu Pad: 11.56 mm
2
)
Pin Assignment ( top view )
TC7WGU04FC
CSON8-P-0.4
Weight: 0.002 g (typ.)
GU04
Product name
1
2
3
4
8
7
6
5
1A
3Y
2A
GND
1Y
3A
2Y
Vcc


同様の部品番号 - TC7WGU04FC

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC7WGU04FK TOSHIBA-TC7WGU04FK Datasheet
195Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter (Un-Buffer)
TC7WGU04FU TOSHIBA-TC7WGU04FU Datasheet
195Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter (Un-Buffer)
More results

同様の説明 - TC7WGU04FC

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC7WZU04FU TOSHIBA-TC7WZU04FU Datasheet
220Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter (Un-Buffer)
TC7WGU04FU TOSHIBA-TC7WGU04FU Datasheet
195Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter (Un-Buffer)
logo
KEC(Korea Electronics)
KIC7WZU04FK KEC-KIC7WZU04FK Datasheet
532Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(TRIPLE INVERTER)
KIC7WZ04FK KEC-KIC7WZ04FK Datasheet
518Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(TRIPLE INVERTER)
logo
Toshiba Semiconductor
TC7WG04FU TOSHIBA-TC7WG04FU Datasheet
196Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter
TC7WHU04FU TOSHIBA-TC7WHU04FU_01 Datasheet
228Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC TRIPLE INVERTER
TC7WG04FC TOSHIBA-TC7WG04FC Datasheet
176Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter
TC7WH04FU TOSHIBA-TC7WH04FU_07 Datasheet
190Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter
logo
KEC(Korea Electronics)
KIC7WZ05FK KEC-KIC7WZ05FK Datasheet
40Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(TRIPLE INVERTER)
logo
Toshiba Semiconductor
TC7WH04FC TOSHIBA-TC7WH04FC Datasheet
148Kb / 5P
   CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com