データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC7WPB306FK データシート(PDF) 1 Page - Toshiba Semiconductor

部品番号 TC7WPB306FK
部品情報  CMOS Digital Integrated Circuit Silicon Monolithic Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WPB306FK データシート(HTML) 1 Page - Toshiba Semiconductor

  TC7WPB306FK Datasheet HTML 1Page - Toshiba Semiconductor TC7WPB306FK Datasheet HTML 2Page - Toshiba Semiconductor TC7WPB306FK Datasheet HTML 3Page - Toshiba Semiconductor TC7WPB306FK Datasheet HTML 4Page - Toshiba Semiconductor TC7WPB306FK Datasheet HTML 5Page - Toshiba Semiconductor TC7WPB306FK Datasheet HTML 6Page - Toshiba Semiconductor TC7WPB306FK Datasheet HTML 7Page - Toshiba Semiconductor TC7WPB306FK Datasheet HTML 8Page - Toshiba Semiconductor TC7WPB306FK Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TC7WPB306,307FC/FK
2007-10-19
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7WPB306FC,TC7WPB306FK
TC7WPB307FC,TC7WPB307FK
Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
The TC7WPB306 and TC7WPB307 are high-speed CMOS
two-bit bus switches with low ON-resistance that allow
interfacing between different voltage nodes.
These devices have two separate power supplies, VL for a 1.8-V,
2.5-V or 3.3-V bus and VH for a 2.5-V, 3.3-V or 5.0-V bus.
For bidirectional level-shifting, the VH pin is connected to a
high-voltage power supply through a bias resistor, and pull-up
resistors are connected between the high-voltage power supply
and the switch.
The enable signal can be used to disable the device so that the
buses are effectively isolated.
For the TC7WPB306, Output Enable (OE) is active-High: When
OE is High, the switch is on; when Low, the switch is off. For the
TC7WPB307, Output Enable ( OE ) is active-Low: When OE is
Low, the switch is on; when High, the switch is off.
The TC7WP306 and TC7WP307 support power-down protection
by incorporating 5.5-V-tolerant control inputs.
The bus switch channels are fabricated with NMOS technology.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• Operating voltage: 1.8-V to 2.5-V, 1.8-V to 3.6-V, 1.8-V to 5.5-V, 2.3-V to 3.6-V, 2.3-V to 5.5-V or 3.0-V to 5.5-V
bidirectional interface
• Operating voltage: VL = 1.65 to 5.0 V, VH = VL + 0.5 to 5.5 V
• High-speed operation: tpd = 0.12ns(max)
(VL
= 3.0 V, VH = 4.5 V)
• Low ON-resistance: RON = 3.0 Ω (typ.)
(ON-resistance test circuit: VIS = 0 V, IIS = 30 mA, VH = 4.5 V)
• ESD performance: Machine model ≥ ±200 V
Human body model
≥ ±2000 V
• 5.5-V tolerance and power-down protection at the Output Enable input.
• Packages: CSON8 (CST8), SSOP8 (US8)
TC7WPB306FC, TC7WPB307FC
TC7WPB306FK, TC7WPB307FK
Weight
CSON8-P-0.4
: 0.002 g (typ.)
SSOP8-P-0.50A
: 0.01 g (typ.)


同様の部品番号 - TC7WPB306FK

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC7WPB8306L8X TOSHIBA-TC7WPB8306L8X Datasheet
221Kb / 11P
   CMOS Digital Integrated Circuits Silicon Monolithic
2013-02-20 Rev.1.0
TC7WPB8307L8X TOSHIBA-TC7WPB8307L8X Datasheet
221Kb / 11P
   CMOS Digital Integrated Circuits Silicon Monolithic
2013-02-20 Rev.1.0
TC7WPB9306FC TOSHIBA-TC7WPB9306FC Datasheet
372Kb / 13P
   Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
TC7WPB9306FK TOSHIBA-TC7WPB9306FK Datasheet
372Kb / 13P
   Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
TC7WPB9307FC TOSHIBA-TC7WPB9307FC Datasheet
372Kb / 13P
   Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
More results

同様の説明 - TC7WPB306FK

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC7WPN3125FK TOSHIBA-TC7WPN3125FK Datasheet
252Kb / 12P
   Digital Integrated Circuit Silicon Monolithic Low Voltage/Low Power 2-Bit Dual Supply Bus Buffer
TC7WP3125FK TOSHIBA-TC7WP3125FK Datasheet
252Kb / 12P
   Digital Integrated Circuit Silicon Monolithic Low Voltage/Low Power 2-Bit Dual Supply Bus Buffer
TC7WBL126AFK TOSHIBA-TC7WBL126AFK Datasheet
166Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic Low-Voltage Dual Bus Switch
TC7WBL125AFK TOSHIBA-TC7WBL125AFK Datasheet
166Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic Low-Voltage Dual Bus Switch
TC7WPB9306FC TOSHIBA-TC7WPB9306FC Datasheet
372Kb / 13P
   Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
logo
KEC(Korea Electronics)
KIC7WZ126FK KEC-KIC7WZ126FK Datasheet
667Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7WZ240FK KEC-KIC7WZ240FK Datasheet
668Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7WZ241FK KEC-KIC7WZ241FK Datasheet
668Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7W126FK KEC-KIC7W126FK Datasheet
290Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
logo
Toshiba Semiconductor
TC7WZ245FU TOSHIBA-TC7WZ245FU Datasheet
169Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com