データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC7WPB307FC データシート(PDF) 7 Page - Toshiba Semiconductor

部品番号 TC7WPB307FC
部品情報  CMOS Digital Integrated Circuit Silicon Monolithic Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WPB307FC データシート(HTML) 7 Page - Toshiba Semiconductor

Back Button TC7WPB307FC Datasheet HTML 3Page - Toshiba Semiconductor TC7WPB307FC Datasheet HTML 4Page - Toshiba Semiconductor TC7WPB307FC Datasheet HTML 5Page - Toshiba Semiconductor TC7WPB307FC Datasheet HTML 6Page - Toshiba Semiconductor TC7WPB307FC Datasheet HTML 7Page - Toshiba Semiconductor TC7WPB307FC Datasheet HTML 8Page - Toshiba Semiconductor TC7WPB307FC Datasheet HTML 9Page - Toshiba Semiconductor TC7WPB307FC Datasheet HTML 10Page - Toshiba Semiconductor TC7WPB307FC Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TC7WPB306,307FC/FK
2007-10-19
7
DC Test Circuits
AC
Test Circuits
tpLH,HL
Figure3 tpLH,tpHLTest Circuits
tpLZ,ZL
Figure4 tpLZ,tpZLTest Circuits
VL
VH
A1
B1
A2
B2
GND
OE
TC7WPB306
VH
100kΩ
VIS
IIS
Δ
V
VL
VH
A1
B1
A2
B2
GND
OE
TC7WPB307
VH
100kΩ
VIS
IIS
Δ
V
IIS
ΔV
Ron
=
Figure 2 ON-resistance Test Circuits
VL
VH
A1
B1
A2
B2
GND
OE
RL
100kΩ
50pF
VCCA
VCCB
CL
Measure
TC7WPB306
VL
VH
A1
B1
A2
B2
GND
OE
RL
100kΩ
50pF
VCCA
VCCB
CL
Measure
TC7WPB307
RL=1kΩ
CL=30pF
Rpu=1kΩ
Cpd=30pF
VL
VH
A1
B1
A2
B2
GND
OE,OE
RL
100kΩ
50pF
VCCA
VCCB
CL
Measure
TC7WPB306
TC7WPB307
RL=1kΩ
CL=30pF


同様の部品番号 - TC7WPB307FC

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC7WPB8306L8X TOSHIBA-TC7WPB8306L8X Datasheet
221Kb / 11P
   CMOS Digital Integrated Circuits Silicon Monolithic
2013-02-20 Rev.1.0
TC7WPB8307L8X TOSHIBA-TC7WPB8307L8X Datasheet
221Kb / 11P
   CMOS Digital Integrated Circuits Silicon Monolithic
2013-02-20 Rev.1.0
TC7WPB9306FC TOSHIBA-TC7WPB9306FC Datasheet
372Kb / 13P
   Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
TC7WPB9306FK TOSHIBA-TC7WPB9306FK Datasheet
372Kb / 13P
   Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
TC7WPB9307FC TOSHIBA-TC7WPB9307FC Datasheet
372Kb / 13P
   Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
More results

同様の説明 - TC7WPB307FC

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC7WPN3125FK TOSHIBA-TC7WPN3125FK Datasheet
252Kb / 12P
   Digital Integrated Circuit Silicon Monolithic Low Voltage/Low Power 2-Bit Dual Supply Bus Buffer
TC7WP3125FK TOSHIBA-TC7WP3125FK Datasheet
252Kb / 12P
   Digital Integrated Circuit Silicon Monolithic Low Voltage/Low Power 2-Bit Dual Supply Bus Buffer
TC7WBL126AFK TOSHIBA-TC7WBL126AFK Datasheet
166Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic Low-Voltage Dual Bus Switch
TC7WBL125AFK TOSHIBA-TC7WBL125AFK Datasheet
166Kb / 6P
   CMOS Digital Integrated Circuit Silicon Monolithic Low-Voltage Dual Bus Switch
TC7WPB9306FC TOSHIBA-TC7WPB9306FC Datasheet
372Kb / 13P
   Low Voltage/Low Power 2-Bit Dual Supply Bus Switch
logo
KEC(Korea Electronics)
KIC7WZ126FK KEC-KIC7WZ126FK Datasheet
667Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7WZ240FK KEC-KIC7WZ240FK Datasheet
668Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7WZ241FK KEC-KIC7WZ241FK Datasheet
668Kb / 4P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7W126FK KEC-KIC7W126FK Datasheet
290Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
logo
Toshiba Semiconductor
TC7WZ245FU TOSHIBA-TC7WZ245FU Datasheet
169Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic Dual Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com